Electronic Components Datasheet Search
  English  ▼

X  

DP8418 Datasheet(PDF) 18 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8418
Description  64k, 256k Dynamic RAM Controller/Drivers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8418 Datasheet(HTML) 18 Page - National Semiconductor (TI)

Back Button DP8418 Datasheet HTML 14Page - National Semiconductor (TI) DP8418 Datasheet HTML 15Page - National Semiconductor (TI) DP8418 Datasheet HTML 16Page - National Semiconductor (TI) DP8418 Datasheet HTML 17Page - National Semiconductor (TI) DP8418 Datasheet HTML 18Page - National Semiconductor (TI) DP8418 Datasheet HTML 19Page - National Semiconductor (TI) DP8418 Datasheet HTML 20Page - National Semiconductor (TI) DP8418 Datasheet HTML 21Page - National Semiconductor (TI) DP8418 Datasheet HTML 22Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
Applications
If one desires a memory interface containing the DP8419
that minimizes the number of external components required
modes 5 and 1 should be used These two modes provide
1) Automatic access to memory (in mode 5 only one signal
RASIN is required in order to access memory)
2) Hidden refresh capability (refreshes are performed auto-
matically while in mode 5 when non-local accesses are
taking place as determined by CS)
3) Refresh request capability (if no hidden refresh took
place while RFCK was high a refresh request is generat-
ed at the RFIO pin when RFCK goes high)
4) Automatic forced refresh (If a refresh request is generat-
ed while in mode 5 as described above external logic
should switch the DP8419 into mode 1 to do an automat-
ic forced refresh No other external control signals need
be issued WAIT states can be inserted into the proces-
sor machine cycles if the system tries to access memory
while the DP8419 is in mode 1 doing a forced refresh)
Some items to be considered when integrating the DP8419
into a system design are
1) The system designer should ensure that a DRAM access
not be in progress when a refresh mode is entered Simi-
larly one should not attempt to start an access while a
refresh is in progress The parameter tRFHRL specifies
the minimum time from RFSH high to RASIN going low to
initiate an access
2) One should always guarantee that the DP8419 is enabled
for access prior to initiating the access (see tCSRL1)
3) One should bring RASIN low even during non-local ac-
cess cycles when in mode 5 in order to maximize the
chance of a hidden refresh occurring
4) At lower frequencies (under 10 Mhz) it becomes increas-
ingly important to differentiate between READ and
WRITE cycles RASIN generation during READ cycles
can take place as soon as one knows that a processor
READ access cycle has started WRITE cycles on the
other hand cannot start until one knows that the data to
be written at the DRAM inputs will be valid a setup time
before CAS (column address strobe) goes true at the
DRAM inputs Therefore in general READ cycles can be
initiated earlier than WRITE cycles
5) Many times it is possible to only add WAIT states during
READ cycles and have no WAIT states during WRITE
cycles This is because it generally takes less time to
write data into memory than to read data from memory
The DP84XX2 family of inexpensive preprogrammed medi-
um Programmable Array Logic devices (PALs) have been
developed to provide an easy interface between various
microprocessors and the DP84XX family of DRAM control-
lerdrivers These PALs interface to all the necessary con-
trol signals of the particular processor and the DP8419 The
PAL controls the operation of the DP8419 in modes 5 and 1
while meeting all the critical timing considerations discussed
above The refresh clock RFCK may be divided down from
the processor clock using an IC counter such as the
DM74LS393 or the DP84300 programmable refresh timer
The DP84300 can provide RFCK periods ranging from
154 ms to 156 ms based on an input clock of 2 to 10 MHz
Figure 8 shows a general block diagram for a system using
the DP8419 in modes 1 and 5
Figure 9 shows possible
timing diagrams for such a system (using WAIT to prohibit
access when refreshing) Although the DP84XX2 PALs are
offered as standard peripheral devices for the DP84XX
DRAM controllerdrivers the programming equations for
these devices are provided so the user may make minor
modification for unique system requirements
ADVANTAGES OF DP8419 OVER
A DISCRETE DYNAMIC RAM CONTROLLER
1) The DP8419 system solution takes up much less board
space because everything is on one chip (latches re-
fresh counter control logic multiplexers drivers and in-
ternal delay lines)
2) Less effort is needed to design a memory system The
DP8419 has automatic modes (1 and 5) which require a
minimum of external control logic Also programmable ar-
ray logic devices (PALs) have been designed which allow
an easy interface to most popular microprocessors (Mo-
torola 68000 family National Semiconductor 32032 fami-
ly Intel 8086 family and the Zilog Z8000 family)
3) Less skew in memory timing parameters because all crit-
ical components are on one chip (many discrete drivers
specify a minimum on-chip skew under worst-case condi-
tions but this cannot be used if more then one driver is
needed such as would be the case in driving a large
dynamic RAM array)
4) Our switching characteristics give the designer the critical
timing specifications based on TTL output levels (low e
08V high e 24V) at a specified load capacitance All
timing parameters are specified on the DP8419
A) driving 88 DRAM’s over a temperature range of 0 – 70
degrees centigrade (no extra drivers are needed)
B) under worst-case driving conditions with all outputs
switching simultaneously (most discrete drivers on the
market specify worst-case conditions with only one
output switching at a time this is not a true worst-case
condition)
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com