Electronic Components Datasheet Search
  English  ▼

X  

DP8418 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8418
Description  64k, 256k Dynamic RAM Controller/Drivers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8418 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button DP8418 Datasheet HTML 4Page - National Semiconductor (TI) DP8418 Datasheet HTML 5Page - National Semiconductor (TI) DP8418 Datasheet HTML 6Page - National Semiconductor (TI) DP8418 Datasheet HTML 7Page - National Semiconductor (TI) DP8418 Datasheet HTML 8Page - National Semiconductor (TI) DP8418 Datasheet HTML 9Page - National Semiconductor (TI) DP8418 Datasheet HTML 10Page - National Semiconductor (TI) DP8418 Datasheet HTML 11Page - National Semiconductor (TI) DP8418 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
Mode Features Summary
Y
4 modes of operation 2 access and 2 refresh
Y
Automatic or external control selected by the user
Y
Auto access mode provides RAS
row to column
change and then CAS automatically
Y
Choice between two different values of tRAH in auto-ac-
cess mode
Y
CAS controlled independently in external control mode
allowing for nibble mode accessing
Y
Automatic refreshing can make refreshes transparent to
the system
Y
CAS is inhibited during refresh cycles
DP8419 Mode Descriptions
MODE 0 – EXTERNALLY CONTROLLED REFRESH
Figure 2 shows the Externally Controlled Refresh timing In
this mode the refresh counter contents are multiplexed to
the address outputs All RAS outputs are enabled to follow
RASIN so that the row address indicated by the refresh
counter is refreshed in all DRAM banks when RASIN goes
low The refresh counter increments when RASIN goes
high RFSH should be held low at least until RASIN goes
high (they may go high simultaneously) so that the refresh
address remains valid and all RAS outputs remain enabled
throughout the refresh
A burst refresh may be performed by holding RFSH low and
toggling RASIN until all rows are refreshed It may be useful
in this case to reset the refresh counter just prior to begin-
ning the refresh The refresh counter resets to all zeroes
when RFIO is pulled low by an external gate The refresh
counter always counts to 511 before rolling over to zero If
there are 128 or 256 rows being refreshed then Q7 or Q8
respectively going high may be used as an end-of-burst
indicator
In order that the refresh address is valid on the address
outputs prior to the RAS lines going low RFSH must go low
before RASIN The setup time required is given by tRFLRL in
the Switching Characteristics This parameter may be ad-
justed using
Figure 10 for loading conditions other than
those specified
TABLE III DP8419 Mode Select Options
Mode
(RFSH) M2
M0
Mode of Operation
0
0
0
Externally Controlled Refresh
1
0
1
Auto Refresh – Forced
4
1
0
Externally Controlled Access
5
1
1
Auto Access (Hidden Refresh)
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com