| Electronic Components Datasheet Search |
|
DP8418 Datasheet(PDF) 15 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
DP8418 Datasheet(HTML) 15 Page - National Semiconductor (TI) |
|
15 / 28 page ![]() DP8419 Mode Descriptions (Continued) Indicates Dynamic RAM Parameters TLF8396 – 17 FIGURE 6 Mode 5 Timing (Refer to Figure 6 ) In mode 5 the selected RAS follows RASIN immediately as in mode 4 to strobe the row address into the DRAMs The row address remains valid on the DP8419 address outputs long enough to meet the tRAH re- quirement of the DRAMs (pin 4 RAHS of the DP8419 al- lows the user two choices of tRAH) Next the column ad- dress replaces the row address on the address outputs and CAS goes low to strobe the columns into the DRAMs WIN determines whether a read write or read-modify-write is done The diagram below illustrates mode 5 automatic control sig- nal generation TLF8396 – 16 REFRESHING IN CONJUNCTION WITH MODE 5 When using mode 5 to perform memory accesses refresh- ing may be accomplished (a) externally (in mode 0 or mode 1) (b) by a combination of mode 5 (hidden refresh) and mode 1 (auto-refresh) or (c) by a combination of mode 5 and mode 0 (a) Externally Controlled Refreshing in Mode 0 or Mode 1 All refreshing may be accomplished using external refresh- es in either mode 0 or mode 1 with RC (RFCK) tied high (see mode 0 and mode 1 descriptions) If this is desired the system determines when a refresh will be performed puts the DP8419 in the appropriate mode and controls the RAS signals directly with RASIN The on-chip refresh counter is enabled to the address outputs of the DP8419 when the refresh mode is entered and increments when RASIN goes high at the completion of the refresh (b) Mode 5 Refreshing (hidden) with Mode 1 refreshing (auto) (Refer to Figure 7a ) If RFCK is tied to a clock (see mode 1 description) RFIO becomes a refresh request output and goes low following RFCK going low if no refresh occurred while RFCK was high Refreshes may be performed in mode 5 when the DP8419 is not selected for access (CS is high) and RFCK is high If these conditions exist the refresh counter contents appear on the DP8419 address outputs and all RAS lines follow RASIN so that if RASIN goes low (an access other than through the DP8419 occurs) all RAS lines go low to perform the refresh The DP8419 allows only one refresh of this type for each period of RFCK since RFCK should be fast enough such that one refresh per peri- od is sufficient to meet the DRAM refresh requirement 15 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |