Electronic Components Datasheet Search
  English  ▼

X  

DP8418 Datasheet(PDF) 25 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8418
Description  64k, 256k Dynamic RAM Controller/Drivers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8418 Datasheet(HTML) 25 Page - National Semiconductor (TI)

Back Button DP8418 Datasheet HTML 20Page - National Semiconductor (TI) DP8418 Datasheet HTML 21Page - National Semiconductor (TI) DP8418 Datasheet HTML 22Page - National Semiconductor (TI) DP8418 Datasheet HTML 23Page - National Semiconductor (TI) DP8418 Datasheet HTML 24Page - National Semiconductor (TI) DP8418 Datasheet HTML 25Page - National Semiconductor (TI) DP8418 Datasheet HTML 26Page - National Semiconductor (TI) DP8418 Datasheet HTML 27Page - National Semiconductor (TI) DP8418 Datasheet HTML 28Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
Input Capacitance TA e 25 C (Note 2)
Symbol
Parameter
Condition
Min
Typ
Max
Units
CIN
Input Capacitance ADS RC CS M2 RASIN
8pF
CIN
Input Capacitance All Other Inputs
5
pF
Note 1
‘‘Absolute Maximum Ratings’’ are the values beyond which the safety of the device cannot be guaranteed They are not meant to imply that the device
should be operated at these limits The table of ‘‘Electrical Characteristics’’ provides conditions for actual device operation
Note 2
All typical values are for TAe25 C and VCCe50V
Note 3
This test is provided as a monitor of Driver output source and sink current capability Caution should be exercised in testing this parameter In testing these
parameters a 15X resistor should be placed in series with each output under test One output should be tested at a time and test time should not exceed 1 second
Note 4
Input pulse 0V to 30V tRetFe25 ns fe25 MHz tPWe200 ns Input reference point on AC measurements is 15V Output reference points are 24V for
High and 08V for Low
Note 5
The load capacitance on RF IO should not exceed 50 pF
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com