Electronic Components Datasheet Search
  English  ▼

X  

DP8418 Datasheet(PDF) 22 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8418
Description  64k, 256k Dynamic RAM Controller/Drivers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8418 Datasheet(HTML) 22 Page - National Semiconductor (TI)

Back Button DP8418 Datasheet HTML 18Page - National Semiconductor (TI) DP8418 Datasheet HTML 19Page - National Semiconductor (TI) DP8418 Datasheet HTML 20Page - National Semiconductor (TI) DP8418 Datasheet HTML 21Page - National Semiconductor (TI) DP8418 Datasheet HTML 22Page - National Semiconductor (TI) DP8418 Datasheet HTML 23Page - National Semiconductor (TI) DP8418 Datasheet HTML 24Page - National Semiconductor (TI) DP8418 Datasheet HTML 25Page - National Semiconductor (TI) DP8418 Datasheet HTML 26Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
Switching Characteristics DP8417 DP8418 DP8419 DP8419X (Continued)
VCC e 50V g10% 0 C s TA s 70 C unless otherwise noted (Notes 2 4 5) The output load capacitance is typical for 4 banks
of 22 DRAMs each or 88 DRAMs including trace capacitance
These values are Q0-Q8 CL e 500 pF RAS0–RAS3 CL e 150 pF WE CL e 500 pF CAS CL e 600 pF RL e 500X
unless otherwise noted See
Figure 11a for test load S1 is open unless otherwise specified Maximum propagation
delays are specified with all outputs switching
Preliminary
Symbol
Parameter
Condition
CL
All CL e 50 pF
Units
Min
Max
Min
Max
ACCESS
(Continued)
tRCV0
RASIN to Column Address
Figure 6
94
ns
Valid (RAHS e 0 Mode 5)
DP8417 18 19-80
tRCV0
RASIN to Column Address
Figure 6
85
ns
Valid (RAHS e 0 Mode 5)
DP8417 18 19-70
tRCV1
RASIN to Column Address
Figure 6
76
ns
Valid (RAHS e 1 Mode 5)
DP8417 18 19-80
tRCV1
RASIN to Column Address
Figure 6
68
ns
Valid (RAHS e 1 Mode 5)
DP8417 18 19-70
tRPDL
RASIN to RAS Low Delay
Figures 5a 5b 6
21
18
ns
tRPDH
RASIN to RAS High Delay
Figures 5a 5b 6
20
17
ns
tASRL
Address Set-up to RASIN low
Figures 5a 5b 6
13
ns
tAPD
Address Input to Output
Figures 5a 5b 6
36
25
ns
Delay
tSPD
Address Strobe High to
Figures 5a 5b
48
ns
Address Output Valid
tASA
Address Set-up Time to ADS
Figures 5a 5b 6
5ns
tAHA
Address Hold Time from ADS
Figures 5a 5b 6
10
ns
tADS
Address Strobe Pulse Width
Figures 5a 5b 6
26
ns
tWPD
WIN to WE Output Delay
Figure 5b
28
ns
tCPDL
CASIN to CAS Low Delay
Figure 5b
17
33
ns
(RC low Mode 4)
tCPDH
CASIN to CAS High Delay
Figure 5b
13
33
ns
(RC low Mode 4)
tCPdif
tCPDL -tCPDH
See Mode 4
13
ns
Description
tRCC
Column Select to Column
Figure 5a
41
ns
Address Valid
tRCR
Row Select to Row
Figures 5a 5b
45
ns
Address Valid
tRHA
Row Address Held from
Figure 5a
7ns
Column Select
tCCAS
RC Low to CAS Low Delay
Figure 5a
50
ns
(CASIN Low Mode 4)
DP8417 18 19-80
t
RC Low to CAS Low Delay
Figure 5a
46
ns
(CASIN Low Mode 4)
DP8417 18 19-70
tDIF1
Maximum (tRPDL -tRHA)
See Mode 4
7ns
Description
tDIF2
Maximum (tRCC -tCPDL)13
ns
REFRESH
tRC
Refresh Cycle Period
Figure 2a
100
ns
tRASINLH
Pulse Width of RASIN
Figure 2a
50
ns
during Refresh
tRFPDL0
RASIN to RAS Low Delay
Figure 2a
28
ns
during Refresh (Mode 0)
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com