Electronic Components Datasheet Search
  English  ▼

X  

DP8418 Datasheet(PDF) 20 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8418
Description  64k, 256k Dynamic RAM Controller/Drivers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8418 Datasheet(HTML) 20 Page - National Semiconductor (TI)

Back Button DP8418 Datasheet HTML 16Page - National Semiconductor (TI) DP8418 Datasheet HTML 17Page - National Semiconductor (TI) DP8418 Datasheet HTML 18Page - National Semiconductor (TI) DP8418 Datasheet HTML 19Page - National Semiconductor (TI) DP8418 Datasheet HTML 20Page - National Semiconductor (TI) DP8418 Datasheet HTML 21Page - National Semiconductor (TI) DP8418 Datasheet HTML 22Page - National Semiconductor (TI) DP8418 Datasheet HTML 23Page - National Semiconductor (TI) DP8418 Datasheet HTML 24Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
Switching Characteristics
All AC parameters are specified with the equivalent load
capacitances including traces of 88 DRAMs organized as 4
banks of 22 DRAMs each Maximums are based on worst-
case conditions including all outputs switching simulta-
neously This in many cases results in the AC values
shown in the DP84XX DRAM controller data sheet being
much looser than true worst case (maximum) AC delays
The system designer should estimate the DP8419 load in
hisher application and modify the appropriate AC parame-
ters using the graph in
Figure 10 Two example calculations
are provided below
TLF8396 – 22
FIGURE 10 Change in Propagation Delay
Relative to ‘‘True’’ (Application) Load Minus
AC Specified Data Sheet Load
2 Examples
1) A mode 4 user driving 2 16-bit banks of DRAM has the
following approximate ‘‘true’’ loading conditions
CAS
- 300 pF
Q0-Q8
- 250 pF
RAS
- 150 pF
max tRPDL e 20 ns b 0ns e 20 ns (since RAS load-
ing is the same as that which is spec’ed)
max tCPDL e 32 ns b 7ns e 25 ns
max tCCAS e 46 ns b 7ns e 39 ns
max tRCC e 41 ns b 6ns e 35 ns
min tRHA is not significantly effected since it does not
involve an output transition
Other parameters are adjusted in a similar manner
2) A mode 5 user driving one 16-bit bank of DRAM has
the following approximate ‘‘true’’ loading conditions
CAS - 120 pF
Q0-Q8 - 100 pF
RAS - 120 pF
A C parameters should be adjusted as follows
with RAHS e ‘‘1’’
max tRICL e 70 ns b 11 ns e 59 ns
max tRCDL e 55 ns a 1ns b 11 ns e 45 ns
(the a 1 ns is due to lighter RAS loading the b 11 ns
is due to lighter CAS loading)
min tRAH e 15 ns a 1ns e 16 ns
The additional 1 ns is due to the fact that the RAS line
is driving less (switching faster) than the load to which
the 15 ns spec applies The row address will remain
valid for about the same time irregardless of address
loading since it is considered to be not valid at the
beginning of its transition
TLF8396 – 23
FIGURE 11a Output Load Circuit
TLF8396 – 34
FIGURE 11b DP8417 TRI-STATE Waveforms
Absolute Maximum Ratings (Note 1)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply voltage VCC
70V
Storage Temperature Range
b
65 Cto a150 C
Input Voltage
55V
Output Current
150 mA
Lead Temp (Soldering 10 seconds)
300 C
Operating Conditions
Min
Max
Units
VCC
Supply Voltage
450
550
V
TA
Ambient
Temperature
0
a
70
C
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com