Electronic Components Datasheet Search
  English  ▼

X  

TUSB216 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB216
Description  TUSB216 USB 2.0 High-speed Signal Conditioner With Battery Charging Controller
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB216 Datasheet(HTML) 15 Page - Texas Instruments

Back Button TUSB216 Datasheet HTML 11Page - Texas Instruments TUSB216 Datasheet HTML 12Page - Texas Instruments TUSB216 Datasheet HTML 13Page - Texas Instruments TUSB216 Datasheet HTML 14Page - Texas Instruments TUSB216 Datasheet HTML 15Page - Texas Instruments TUSB216 Datasheet HTML 16Page - Texas Instruments TUSB216 Datasheet HTML 17Page - Texas Instruments TUSB216 Datasheet HTML 18Page - Texas Instruments TUSB216 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 33 page
background image
15
TUSB216
www.ti.com
SLLSEZ6A – FEBRUARY 2019 – REVISED DECEMBER 2019
Product Folder Links: TUSB216
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Typical Application (continued)
(1)
These parameters are starting values for a high loss system. Further tuning might be required based on specific host and/or device as
well as cable length and loss profile. These settings are not specific to a 5V supply system could be applicable to 3.3V supply system as
well.
(2)
This resistor is needed for a 5V supply to divide the voltage down so the BOOST pin voltage does not exceed 3.6V
8.2.1 Design Requirements
TUSB216 requires a valid reset signal as described in the power supply recommendations section. The capacitor
at RSTN pin is not required if a micro controller drives the RSTN pin according to recommendations.
For this design example, use the parameters shown in Table 9, Table 10 and Table 11
Table 9. Design Parameters for 5-V Supply With High Loss System
PARAMETER
VALUE(1)
VCC
5 V ±10%
I2C support required in system (Yes/No)
No
Edge and DC Boost
RBOOST
BOOST Level
Boost Level 1:
RBOOST = 1.8 kΩ
0-Ω
0
1.8 kΩ ±1%
1
3.6 kΩ ± 1%
2
Do Not Install (DNI)
3
RX Sensitivity
RRXSEN1
RRXSEN2
RX_SEN Level
High RX
Sensitivity Level:
RRXSEN1 = 37.5
kΩ
RRXSEN2 = 12.5
kΩ
22 kΩ - 40 kΩ (27 kΩ typical)
Do Not Install (DNI)
Low
Do Not Install (DNI)
Do Not Install (DNI)
Medium
37.5 kΩ (2)
12.5 kΩ
High
(1)
These parameters are starting values for a low to medium loss system. Further tuning might be required based on specific host and/or
device as well as cable length and loss profile. These settings are not specific to a 3.3V supply system could be applicable to 5V supply
system as well.
Table 10. Design Parameters for 3.3-V Supply With Low to Medium Loss System
PARAMETER
VALUE(1)
VCC
3.3 V ±10%
I2C support required in system (Yes/No)
No
Edge and DC Boost
RBOOST
BOOST Level
Boost Level 0:
RBOOST = 0-Ω
0-Ω
0
1.8 kΩ ±1%
1
3.6 kΩ ±1%
2
Do Not Install (DNI)
3
RX Sensitivity
RRXSEN1
RRXSEN2
RX_SEN Level
Medium RX
Sensitivity Level:
RRXSEN1 = DNI
RRXSEN2 = DNI
22 kΩ - 40 kΩ (27 kΩ typical)
Do Not Install (DNI)
Low
Do Not Install (DNI)
Do Not Install (DNI)
Medium
Do Not Install (DNI)
22 kΩ - 40 kΩ (27 kΩ typical)
High



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com