Electronic Components Datasheet Search
  English  ▼

X  

TUSB216 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB216
Description  TUSB216 USB 2.0 High-speed Signal Conditioner With Battery Charging Controller
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB216 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TUSB216 Datasheet HTML 12Page - Texas Instruments TUSB216 Datasheet HTML 13Page - Texas Instruments TUSB216 Datasheet HTML 14Page - Texas Instruments TUSB216 Datasheet HTML 15Page - Texas Instruments TUSB216 Datasheet HTML 16Page - Texas Instruments TUSB216 Datasheet HTML 17Page - Texas Instruments TUSB216 Datasheet HTML 18Page - Texas Instruments TUSB216 Datasheet HTML 19Page - Texas Instruments TUSB216 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 33 page
background image
16
TUSB216
SLLSEZ6A – FEBRUARY 2019 – REVISED DECEMBER 2019
www.ti.com
Product Folder Links: TUSB216
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
(1)
These parameters are starting values for a low to medium loss system. Further tuning might be required based on specific host and/or
device as well as cable length and loss profile. These settings are not specific to a 2.3V-4.3V supply system could be applicable to 5V
supply system as well.
(2)
This resistor is needed for a VBAT supply (2.3V - 4.3V) to divide the voltage down so the BOOST pin voltage does not exceed 3.6V
Table 11. Design Parameters for 2.3-V to 4.3-V VBAT Supply With Low to Medium Loss System
PARAMETER
VALUE(1)
VCC
2.3 V to 4.3V
I2C support required in system (Yes/No)
No
Edge and DC Boost
RBOOST
BOOST Level
Boost Level 0:
RBOOST = 0-Ω
0-Ω
0
1.8 kΩ ±1%
1
3.6 kΩ ±1%
2
Do Not Install (DNI)
3
RX Sensitivity
RRXSEN1
RRXSEN2
RX_SEN Level
Medium RX
Sensitivity Level:
RRXSEN1 = DNI
RRXSEN2 = DNI
22 kΩ - 40 kΩ (27 kΩ typical)
Do Not Install (DNI)
Low
Do Not Install (DNI)
Do Not Install (DNI)
Medium
37.5 kΩ (2)
12.5 kΩ
High
8.2.2 Detailed Design Procedure
The ideal BOOST setting is dependent upon the signal chain loss characteristics of the target platform. The
recommendation is to start with BOOST level 0, and then increment to BOOST level 1, and so on. if permissible.
Same applies to the RX sensitivity setting where it is recommended to plan for the required pads or connections
to change boost settings, but to start with RX sensitivity level 1.
In order for the TUSB216 to recognize any change to the BOOST setting, the RSTN pin must be toggled. This is
because the BOOST pin is latched on power up and the pin is ignored thereafter.
NOTE
The TUSB216 compensates for extra attenuation in the signal path according to the
configuration of the RX_SEN pin. This pin is not 5 V tolerant and therefore when selecting
the highest RX sensitivity level, the voltage level at RX_SEN pin must be less than 3.6V.
Placement of the device is also dependent on the application goal. Table 12 summarizes our recommendations.
Table 12. Platform Placement Guideline
PLATFORM GOAL
SUGGESTED TUSB216 PLACEMENT
Pass USB Near End Mask at the receptacle
Close to measurement point (connector)
Pass USB Far End Eye Mask at the plug
Close to USB PHY
Cascade multiple TUSB216s to improve device enumeration
Midway between each USB interconnect
(1)
These parameters are starting values for different cable lengths. Further tuning might be required based on specific host and/or device
as well as cable length and loss profile.
Table 13. Table of Recommended Settings
BOOST and RX_SEN settings (1)for channel loss
Pre-channel cable length (Between USB
PHY and TUSB216)
BOOST
RX_SEN
0-3 meter
Level 0
Medium or High
2-5 meter
Level 1
Medium or High
Post-channel cable length (Between
TUSB216 and inter-connect)
BOOST
RX_SEN
0-2 meter
Level 0
Medium or High
1-4 meter
Level 1
Medium or High



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com