Electronic Components Datasheet Search
  English  ▼

X  

TUSB216 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB216
Description  TUSB216 USB 2.0 High-speed Signal Conditioner With Battery Charging Controller
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB216 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TUSB216 Datasheet HTML 5Page - Texas Instruments TUSB216 Datasheet HTML 6Page - Texas Instruments TUSB216 Datasheet HTML 7Page - Texas Instruments TUSB216 Datasheet HTML 8Page - Texas Instruments TUSB216 Datasheet HTML 9Page - Texas Instruments TUSB216 Datasheet HTML 10Page - Texas Instruments TUSB216 Datasheet HTML 11Page - Texas Instruments TUSB216 Datasheet HTML 12Page - Texas Instruments TUSB216 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
USB
TRANSCEIVER
High Speed
Compensation
USB
CONNECTOR
Low and Full
Speed Bypass
Status flags
OPTIONAL
PLD
ESD
PROTECTION
D2P
D2M
D1P
D1M
CD
ENA_HS
Copyright © 2018, Texas Instruments Incorporated
9
TUSB216
www.ti.com
SLLSEZ6A – FEBRUARY 2019 – REVISED DECEMBER 2019
Product Folder Links: TUSB216
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The TUSB216 is a USB High-Speed (HS) signal conditioner designed to compensate for ISI signal loss in a
transmission channel. TUSB216 has a patented design for USB Low Speed (LS) and Full Speed (FS) signals. It
does not alter the signal characteristics. HS signals are compensated. The design is compatible with USB On-
The-Go (OTG) and Battery Charging (BC) specifications.
Programmable signal gain through an external resistor permits fine tuning device performance to optimize
signals. This helps pass USB HS electrical compliance tests at the connector. Additional RX sensitivity, tuned by
external pull-up resistor and pull-down resistor, allows to overcome attenuation in cables. The TUSB216 allows
application in series to cover longer distances, or high loss transmission paths. A maximum of 4 devices can be
daisy-chained.
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 High-speed Boost
The high-speed booster (combination of edge boost and DC boost) improves the eye width for USB2.0 high-
speed signals. It is direction independent and by that is compatible to OTG systems. The BOOST pin is
configuring the booster strength with different values of pull down resistors to set 4 levels of boosts, alternatively
the boost level can be set via I2C register according to I2C Mode. Internal circuitry of the signal conditioner
reduces possible overshoot.
7.3.2 RX Sensitivity
The RX_SEN pin is a tri-level pin. It is used to set the gain of the device according to system channel loss. RX
sensitivity can be increased to recover incoming signals with low vertical eye opening to be able to boost weak
signals and helps overcoming high attenuation.
7.4 Device Functional Modes
7.4.1 Low-speed (LS) Mode
TUSB216 automatically detects a LS connection and does not enable signal compensation. CD pin is asserted
high but ENA_HS will be low.
7.4.2 Full-speed (FS) Mode
TUSB216 automatically detects a FS connection and does not enable signal compensation. CD pin is asserted
high but ENA_HS will be low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com