Electronic Components Datasheet Search
  English  ▼

X  

TUSB216 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB216
Description  TUSB216 USB 2.0 High-speed Signal Conditioner With Battery Charging Controller
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB216 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TUSB216 Datasheet HTML 6Page - Texas Instruments TUSB216 Datasheet HTML 7Page - Texas Instruments TUSB216 Datasheet HTML 8Page - Texas Instruments TUSB216 Datasheet HTML 9Page - Texas Instruments TUSB216 Datasheet HTML 10Page - Texas Instruments TUSB216 Datasheet HTML 11Page - Texas Instruments TUSB216 Datasheet HTML 12Page - Texas Instruments TUSB216 Datasheet HTML 13Page - Texas Instruments TUSB216 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
10
TUSB216
SLLSEZ6A – FEBRUARY 2019 – REVISED DECEMBER 2019
www.ti.com
Product Folder Links: TUSB216
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Device Functional Modes (continued)
7.4.3 High-speed (HS) Mode
TUSB216 automatically detects a HS connection and will enable signal compensation as determined by the
configuration of the RX_SEN pin and the external pull down resistance on its BOOST pin.
CD pin and ENA_HS pin are asserted high when high-speed boost is active.
7.4.4 High-speed Downstream Port Electrical Compliance Test Mode
TUSB216 will detect HS compliance test fixture and enter downstream port high-speed eye diagram test mode.
CD pin will be low and ENA_HS pin is asserted high when TUSB216 is in HS eye compliance test mode.
If RSTN pin is asserted low and de-asserted high while TUSB216 is operating in HS functional mode, TUSB216
will transition to HS eye compliance test mode and CD asserts low and ENA_HS remains high. When this occurs
signal compensation is enabled.
7.4.5 Shutdown Mode
TUSB216 can be disabled when its RSTN pin is asserted low. DP, DM traces are continuous through the device
in shutdown mode. The USB channel is still fully operational, but there is neither signal compensation, nor any
indication from the CD pin as to the status of the channel.
Table 1. CD and ENA_HS Pins in Different Modes
MODE
CD
ENA_HS
Low-speed
HIGH
LOW
Full-speed
HIGH
LOW
High-speed
HIGH
HIGH
High-speed downstream port electrical test
LOW
HIGH
Shutdown
LOW
LOW
7.4.6 I2C Mode
TUSB216 supports 100 KHz I2C for device configuration, status read back and test purposes. For detail
electrical and functional specifications refer to I2C Bus Specification 2.1, 2001 – STANDARD MODE. This
controller is enabled after SCL and SDA pins are sampled high shortly after return from shutdown. In this mode,
the CSR can be accessed by I2C read/write transaction to 7-bit slave address 0x2C. It is advised to set
CFG_ACTIVE bit before changing values. This halts the FSM, and reset it after all changes are made. This
ensure proper startup into high-speed mode.
7.4.7 BC 1.2 Battery Charging Controller
The TUSB216 main function is a signal conditioner offering the boost and pre-equalization features to the
incoming DP/DM signals. For applications in which USB host or hub does not provide USB BC charging
controller functionality, the TUSB216 can perform this task when CDP_ENZ is low and BC 1.2 CDP Controller is
enabled. When battery charging CDP controller feature is enabled (CDP_ENZ=low) TUSB216RWB supports
CDP charging downstream port functionality. CDP_ENZ has an internal pull up when the pin is left unconnected
CDP controller will be disabled.
Table 2. TUSB216RWB Battery Charging Controller Modes
Pin 11 (CDP_ENZ)
CDP
High
NO
Low
YES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com