Electronic Components Datasheet Search
  English  ▼

X  

TUSB216 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB216
Description  TUSB216 USB 2.0 High-speed Signal Conditioner With Battery Charging Controller
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB216 Datasheet(HTML) 5 Page - Texas Instruments

  TUSB216 Datasheet HTML 1Page - Texas Instruments TUSB216 Datasheet HTML 2Page - Texas Instruments TUSB216 Datasheet HTML 3Page - Texas Instruments TUSB216 Datasheet HTML 4Page - Texas Instruments TUSB216 Datasheet HTML 5Page - Texas Instruments TUSB216 Datasheet HTML 6Page - Texas Instruments TUSB216 Datasheet HTML 7Page - Texas Instruments TUSB216 Datasheet HTML 8Page - Texas Instruments TUSB216 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
5
TUSB216
www.ti.com
SLLSEZ6A – FEBRUARY 2019 – REVISED DECEMBER 2019
Product Folder Links: TUSB216
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
6 Specifications
6.1 Absolute Maximum Ratings
Over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Supply voltage range
VCC
–0.3
7
V
Voltage range USB data
DxP, DxM
–0.3
5.5
V
Voltage range on BOOST pin
BOOST
-0.3
1.98
V
Voltage range other pins
RX_SEN,CDP_ENZ,SCL, RSTN
-0.3
5.5
V
Storage temperature, Tstg
–65
150
°C
Maximum junction temperature, TJ (max)
125
°C
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001
±2000
V
Charged-device model (CDM), per JEDEC specification JESD22-C101
±750
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VCC
Supply voltage
2.3
5
6.5
V
TA
Operating free-air temperature (Standard)
0
70
°C
TJ
Junction temperature (Standard)
85
°C
VI2C_BUS
I2C Bus Voltage
1.62
3.6
V
DxP, DxM
Voltage range USB data
0
3.6
V
BOOST
Voltage range BOOST pin
0
1.98
V
Digital
Voltage range other pins (SCL, SDA, RX_SEN, CDP_ENZ, RSTN)
0
3.6
V
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
6.4 Thermal Information
THERMAL METRIC (1)
RGY (VQFN)
UNIT
14 PINS
RθJA
Junction-to-ambient thermal resistance
49.1
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
52.8
°C/W
RθJB
Junction-to-board thermal resistance
24.2
°C/W
ψJT
Junction-to-top characterization parameter
2.2
°C/W
ψJB
Junction-to-board characterization parameter
24.3
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
7
°C/W
(1)
All typical values are at VCC = 5 V, and TA = 25°C.
6.5 Electrical Characteristics
Over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP (1)
MAX
UNIT
POWER
IACTIVE_HS
High Speed Active Current
USB channel = HS mode. 480 Mbps
traffic. VCC supply stable, with Boost =
Max
22
36
mA
IIDLE_HS
High Speed Idle Current
USB channel = HS mode, no traffic.
VCC supply stable, Boost = Max
22
36
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com