Electronic Components Datasheet Search
  English  ▼

X  

TUSB216 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB216
Description  TUSB216 USB 2.0 High-speed Signal Conditioner With Battery Charging Controller
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB216 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TUSB216 Datasheet HTML 10Page - Texas Instruments TUSB216 Datasheet HTML 11Page - Texas Instruments TUSB216 Datasheet HTML 12Page - Texas Instruments TUSB216 Datasheet HTML 13Page - Texas Instruments TUSB216 Datasheet HTML 14Page - Texas Instruments TUSB216 Datasheet HTML 15Page - Texas Instruments TUSB216 Datasheet HTML 16Page - Texas Instruments TUSB216 Datasheet HTML 17Page - Texas Instruments TUSB216 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 33 page
background image
100 nF
R
BOOS T
Supply
+3.3V or +5 V
1uF
(optional)
100 nF
Vcc
R
RXSEN1
R
RXSEN2
USB
Host or Hub
CON_D2P
CON_D2N
USB_D1P
USB_D1N
Copyright © 2019, Texas Instr uments Incorporat ed
RSTZ
BOOS T
D2P
D2M
RX_SEN/ENA_HS
GND
VCC
D1M
D1P
Ferrite Bead
100Q@100MHz
Con nect
D1P and D2P
Con nect
D1M an d D2M
14
TUSB216
SLLSEZ6A – FEBRUARY 2019 – REVISED DECEMBER 2019
www.ti.com
Product Folder Links: TUSB216
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The purpose of the TUSB216 is to re-store the signal integrity of a USB High-speed channel up to the USB
connector. The loss in signal quality stems from reduced channel bandwidth due to high loss PCB trace and
other components that contribute a capacitive load. This can cause the channel to fail the USB near end eye
mask. Proper use of the TUSB216 can help to pass this eye mask.
A secondary purpose is to use the CD pin of the TUSB216 to control other blocks on the customer platform, if so
desired.
8.2 Typical Application
A typical application for TUSB216 is shown in Figure 7. In this setup, D2P and D2M face the USB connector
while D1P and D1M face the USB host. The orientation may be reversed [that is, D2 faces transceiver and D1
faces connector].
Figure 7. TUSB216 Reference Schematic (Design Example with CDP disabled)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com