Electronic Components Datasheet Search
  English  ▼

X  

TUSB216 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB216
Description  TUSB216 USB 2.0 High-speed Signal Conditioner With Battery Charging Controller
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB216 Datasheet(HTML) 1 Page - Texas Instruments

  TUSB216 Datasheet HTML 1Page - Texas Instruments TUSB216 Datasheet HTML 2Page - Texas Instruments TUSB216 Datasheet HTML 3Page - Texas Instruments TUSB216 Datasheet HTML 4Page - Texas Instruments TUSB216 Datasheet HTML 5Page - Texas Instruments TUSB216 Datasheet HTML 6Page - Texas Instruments TUSB216 Datasheet HTML 7Page - Texas Instruments TUSB216 Datasheet HTML 8Page - Texas Instruments TUSB216 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
D2
D1
Cable
USB
Connector
VCC
2.3 ± 6.5V
GND
USB
Host
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TUSB216
SLLSEZ6A – FEBRUARY 2019 – REVISED DECEMBER 2019
TUSB216 USB 2.0 High-speed Signal Conditioner With Battery Charging Controller
1
1 Features
1
•
Wide supply voltage range: 2.3 - 6.5 V
•
Ultra-low USB disconnect and shutdown power
consumption
•
Provides USB 2.0 high-speed signal conditioning
•
Compatible with USB 2.0, OTG 2.0 and BC 1.2
•
Support for low-speed, full-speed, high-speed
signaling
•
Integrated BC 1.2 CDP battery charging controller
•
Host/Device agnostic
•
Supports up to 5-m cable length
–
Four selectable signal boost (edge boost along
with DC boost) settings via external pull-down
resistor values
–
Three selectable RX sensitivity settings via
pull-up-or-down to compensate ISI jitter for
high-loss applications
•
Supports up to 100m cable length with two
TUSB216 devices
•
Scalable solution - devices can be daisy chained
for high loss applications
•
Pin compatible with
TUSB211/TUSB212/TUSB214 (3.3V)
2 Applications
•
Automotive infotainment
•
Automotive head unit and media hub
•
Laptop, desktop/docking stations
•
Portable electronics
•
Tablets
•
Cell phones
•
Televisions
•
Active cable, cable extenders
•
Backplane
3 Description
The TUSB216 is a third-generation USB 2.0 high-
speed signal conditioner designed to compensate
both AC loss (due to capacitive load) and DC loss
(due to resistive loss) in the transmission channel.
The TUSB216 leverages a patented design to speed-
up transition edges of USB 2.0 high-speed signal with
an edge booster and increases static levels with a DC
boost function. In addition, the TUSB216 includes a
pre-equalization function to improve the receiver
sensitivity
and
compensate
the
inter-symbol
interference (ISI) jitter in application with longer cable
length.
USB
low-speed
and
full-speed
signal
characteristics are unaffected by the TUSB216.
The TUSB216 improves signal quality without altering
packet timing or adding propagation delay or latency.
The TUSB216 helps a system to pass the USB 2.0
high-speed near end eye compliance with a cable as
long as 5 meters.
The TUSB216 is compatible with the USB On-The-Go
(OTG) and battery charging (BC 1.2) protocols. The
Integrated BC 1.2 battery charging controller can be
enabled via a control pin.
Device Information
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TUSB216
X2QFN (12)
1.60 mm x 1.60 mm
Simplified Schematic


Similar Part No. - TUSB216

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB216 TI-TUSB216 Datasheet
4Mb / 33P
TUSB216-Q1 USB 2.0 High-Speed Signal Conditioner With BC 1.2 Controller
SEPTEMBER 2021
TUSB216-Q1 TI-TUSB216-Q1 Datasheet
4Mb / 33P
TUSB216-Q1 USB 2.0 High-Speed Signal Conditioner With BC 1.2 Controller
SEPTEMBER 2021
TUSB216I TI-TUSB216I Datasheet
5Mb / 32P
TUSB216I USB 2.0 High-Speed Signal Conditioner With BC 1.2 Controller
TUSB216I TI-TUSB216I Datasheet
4Mb / 31P
TUSB217A USB 2.0 High-Speed Signal Conditioner With DCP and CDP Controllers
TUSB216IRWBR TI-TUSB216IRWBR Datasheet
5Mb / 32P
TUSB216I USB 2.0 High-Speed Signal Conditioner With BC 1.2 Controller
More results

Similar Description - TUSB216

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB212 TI1-TUSB212 Datasheet
833Kb / 21P
USB 2.0 High Speed Signal Conditioner
TUSB213 TI1-TUSB213 Datasheet
839Kb / 22P
USB 2.0 High Speed Signal Conditioner
TUSB214-Q1 TI1-TUSB214-Q1 Datasheet
857Kb / 23P
USB 2.0 High Speed Signal Conditioner with BC1.2 CDP
TUSB215 TI1-TUSB215 Datasheet
844Kb / 23P
USB 2.0 High Speed Signal Conditioner with USB BC1.2 CDP
TUSB212 TI1-TUSB212_17 Datasheet
1Mb / 27P
USB 2.0 High Speed Signal Conditioner
TUSB212-Q1 TI1-TUSB212-Q1 Datasheet
1Mb / 27P
USB 2.0 High Speed Signal Conditioner
TUSB213-Q1 TI1-TUSB213-Q1 Datasheet
1Mb / 27P
USB 2.0 High Speed Signal Conditioner
TUSB215-Q1 TI1-TUSB215-Q1 Datasheet
929Kb / 26P
USB 2.0 High Speed Signal Conditioner with USB BC1.2 CDP
TUSB216I TI-TUSB216I Datasheet
5Mb / 32P
TUSB216I USB 2.0 High-Speed Signal Conditioner With BC 1.2 Controller
TUSB216-Q1 TI-TUSB216-Q1 Datasheet
4Mb / 33P
TUSB216-Q1 USB 2.0 High-Speed Signal Conditioner With BC 1.2 Controller
SEPTEMBER 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com