Electronic Components Datasheet Search
  English  ▼

X  

TUSB216 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB216
Description  TUSB216 USB 2.0 High-speed Signal Conditioner With Battery Charging Controller
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB216 Datasheet(HTML) 22 Page - Texas Instruments

Back Button TUSB216 Datasheet HTML 18Page - Texas Instruments TUSB216 Datasheet HTML 19Page - Texas Instruments TUSB216 Datasheet HTML 20Page - Texas Instruments TUSB216 Datasheet HTML 21Page - Texas Instruments TUSB216 Datasheet HTML 22Page - Texas Instruments TUSB216 Datasheet HTML 23Page - Texas Instruments TUSB216 Datasheet HTML 24Page - Texas Instruments TUSB216 Datasheet HTML 25Page - Texas Instruments TUSB216 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 33 page
background image
22
TUSB216
SLLSEZ6A – FEBRUARY 2019 – REVISED DECEMBER 2019
www.ti.com
Product Folder Links: TUSB216
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Figure 26. 4 Meter Post-Channel Without TUSB216
Figure 27. 4 Meter Post-Channel With TUSB216 BOOST=2
RX_SEN=MED
9 Power Supply Recommendations
On power up, the interaction of the RSTN pin and power on ramp could result in digital circuits not being set
correctly. The device should not be enabled until the power on ramp has settled to minimum recommended
supply voltage or higher to ensure a correct power on reset of the digital circuitry. If RSTN cannot be held low by
microcontroller or other circuitry until the power on ramp has settled, then an external capacitor from the RSTN
pin to GND is required to hold the device in the low power reset state.
The RC time constant should be larger than five times of the power on ramp time (0 to VCC). With a typical
internal pullup resistance of 500 kΩ, the recommended minimum external capacitance is calculated as:
[Ramp Time x 5] ÷ [500 kΩ]
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com