Electronic Components Datasheet Search
  English  ▼

X  

AT90LS8535 Datasheet(PDF) 63 Page - ATMEL Corporation

Part # AT90LS8535
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90LS8535 Datasheet(HTML) 63 Page - ATMEL Corporation

Back Button AT90LS8535 Datasheet HTML 59Page - ATMEL Corporation AT90LS8535 Datasheet HTML 60Page - ATMEL Corporation AT90LS8535 Datasheet HTML 61Page - ATMEL Corporation AT90LS8535 Datasheet HTML 62Page - ATMEL Corporation AT90LS8535 Datasheet HTML 63Page - ATMEL Corporation AT90LS8535 Datasheet HTML 64Page - ATMEL Corporation AT90LS8535 Datasheet HTML 65Page - ATMEL Corporation AT90LS8535 Datasheet HTML 66Page - ATMEL Corporation AT90LS8535 Datasheet HTML 67Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 127 page
background image
63
AT90S/LS8535
1041H–11/01
The FE bit is cleared when the stop bit of received data is one.
• Bit 3 – OR: OverRun
This bit is set if an Overrun condition is detected, i.e., when a character already present
in the UDR register is not read before the next character has been shifted into the
Receiver Shift register. The OR bit is buffered, which means that it will be set once the
valid data still in UDR is read.
The OR bit is cleared (zero) when data is received and transferred to UDR.
• Bits 2..0 – Res: Reserved Bits
These bits are reserved bits in the AT90S8535 and will always read as zero.
UART Control Register – UCR
• Bit 7 – RXCIE: RX Complete Interrupt Enable
When this bit is set (one), a setting of the RXC bit in USR will cause the Receive Com-
plete Interrupt routine to be executed provided that global interrupts are enabled.
• Bit 6 – TXCIE: TX Complete Interrupt Enable
When this bit is set (one), a setting of the TXC bit in USR will cause the Transmit Com-
plete Interrupt routine to be executed provided that global interrupts are enabled.
• Bit 5 – UDRIE: UART Data Register Empty Interrupt Enable
When this bit is set (one), a setting of the UDRE bit in USR will cause the UART Data
Register Empty Interrupt routine to be executed provided that global interrupts are
enabled.
• Bit 4 – RXEN: Receiver Enable
This bit enables the UART receiver when set (one). When the receiver is disabled, the
RXC, OR and FE status flags cannot become set. If these flags are set, turning off
RXEN does not cause them to be cleared.
• Bit 3 – TXEN: Transmitter Enable
This bit enables the UART transmitter when set (one). When disabling the transmitter
while transmitting a character, the transmitter is not disabled before the character in the
shift register plus any following character in UDR has been completely transmitted.
• Bit 2 – CHR9: 9 Bit Characters
When this bit is set (one), transmitted and received characters are 9 bits long, plus start
and stop bits. The ninth bit is read and written by using the RXB8 and TXB8 bits in UCR,
respectively. The ninth data bit can be used as an extra stop bit or a parity bit.
• Bit 1 – RXB8: Receive Data Bit 8
When CHR9 is set (one), RXB8 is the ninth data bit of the received character.
• Bit 0 – TXB8: Transmit Data Bit 8
When CHR9 is set (one), TXB8 is the ninth data bit in the character to be transmitted.
Bit
765
432
10
$0A ($2A)
RXCIE
TXCIE
UDRIE
RXEN
TXEN
CHR9
RXB8
TXB8
UCR
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R
W
Initial Value
0
0
0
0
0
0
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com