Electronic Components Datasheet Search
  English  ▼

X  

AT90LS8535 Datasheet(PDF) 6 Page - ATMEL Corporation

Part # AT90LS8535
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90LS8535 Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button AT90LS8535 Datasheet HTML 2Page - ATMEL Corporation AT90LS8535 Datasheet HTML 3Page - ATMEL Corporation AT90LS8535 Datasheet HTML 4Page - ATMEL Corporation AT90LS8535 Datasheet HTML 5Page - ATMEL Corporation AT90LS8535 Datasheet HTML 6Page - ATMEL Corporation AT90LS8535 Datasheet HTML 7Page - ATMEL Corporation AT90LS8535 Datasheet HTML 8Page - ATMEL Corporation AT90LS8535 Datasheet HTML 9Page - ATMEL Corporation AT90LS8535 Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 127 page
background image
6
AT90S/LS8535
1041H–11/01
Clock Options
Crystal Oscillator
XTAL1 and XTAL2 are input and output, respectively, of an inverting amplifier which can
be configured for use as an on-chip oscillator, as shown in Figure 2. Either a quartz
crystal or a ceramic resonator may be used.
Figure 2. Oscillator Connections
Note:
When using the MCU Oscillator as a clock for an external device, an HC buffer should be
connected as indicated in the figure.
External Clock
To drive the device from an external clock source, XTAL2 should be left unconnected
while XTAL1 is driven as shown in Figure 3.
Figure 3. External Clock Drive Configuration
Timer Oscillator
For the Timer Oscillator pins, TOSC1 and TOSC2, the crystal is connected directly
between the pins. No external capacitors are needed. The oscillator is optimized for use
with a 32,768 Hz watch crystal. Applying an external clock source to TOSC1 is not
recommended.
XTAL2
XTAL1
GND
C2
C1
MAX 1 HC BUFFER
HC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com