Electronic Components Datasheet Search
  English  ▼

X  

AT90LS8535 Datasheet(PDF) 5 Page - ATMEL Corporation

Part # AT90LS8535
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90LS8535 Datasheet(HTML) 5 Page - ATMEL Corporation

  AT90LS8535 Datasheet HTML 1Page - ATMEL Corporation AT90LS8535 Datasheet HTML 2Page - ATMEL Corporation AT90LS8535 Datasheet HTML 3Page - ATMEL Corporation AT90LS8535 Datasheet HTML 4Page - ATMEL Corporation AT90LS8535 Datasheet HTML 5Page - ATMEL Corporation AT90LS8535 Datasheet HTML 6Page - ATMEL Corporation AT90LS8535 Datasheet HTML 7Page - ATMEL Corporation AT90LS8535 Datasheet HTML 8Page - ATMEL Corporation AT90LS8535 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 127 page
background image
5
AT90S/LS8535
1041H–11/01
current if the pull-up resistors are activated. Two Port C pins can alternatively be used
as oscillator for Timer/Counter2.
The Port C pins are tri-stated when a reset condition becomes active, even if the clock is
not running.
Port D (PD7..PD0)
Port D is an 8-bit bi-directional I/O port with internal pull-up resistors. The Port D output
buffers can sink 20 mA. As inputs, Port D pins that are externally pulled low will source
current if the pull-up resistors are activated.
Port D also serves the functions of various special features of the AT90S8535 as listed
on page 86.
The Port D pins are tri-stated when a reset condition becomes active, even if the clock is
not running.
RESET
Reset input. An external reset is generated by a low level on the RESET pin. Reset
pulses longer than 50 ns will generate a reset, even if the clock is not running. Shorter
pulses are not guaranteed to generate a reset.
XTAL1
Input to the inverting oscillator amplifier and input to the internal clock operating circuit.
XTAL2
Output from the inverting oscillator amplifier.
AVCC
AVCC is the supply voltage pin for Port A and the A/D Converter. If the ADC is not used,
this pin must be connected to VCC. If the ADC is used, this pin must be connected to
VCC via a low-pass filter. See page 68 for details on operation of the ADC.
AREF
AREF is the analog reference input for the A/D Converter. For ADC operations, a volt-
age in the range 2V to AVCC must be applied to this pin.
AGND
Analog ground. If the board has a separate analog ground plane, this pin should be con-
nected to this ground plane. Otherwise, connect to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com