Electronic Components Datasheet Search
  English  ▼

X  

AT90LS8535 Datasheet(PDF) 20 Page - ATMEL Corporation

Part # AT90LS8535
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90LS8535 Datasheet(HTML) 20 Page - ATMEL Corporation

Back Button AT90LS8535 Datasheet HTML 16Page - ATMEL Corporation AT90LS8535 Datasheet HTML 17Page - ATMEL Corporation AT90LS8535 Datasheet HTML 18Page - ATMEL Corporation AT90LS8535 Datasheet HTML 19Page - ATMEL Corporation AT90LS8535 Datasheet HTML 20Page - ATMEL Corporation AT90LS8535 Datasheet HTML 21Page - ATMEL Corporation AT90LS8535 Datasheet HTML 22Page - ATMEL Corporation AT90LS8535 Datasheet HTML 23Page - ATMEL Corporation AT90LS8535 Datasheet HTML 24Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 127 page
background image
20
AT90S/LS8535
1041H–11/01
Stack Pointer – SP
The AT90S8535 Stack Pointer is implemented as two 8-bit registers in the I/O space
locations $3E ($5E) and $3D ($5D). As the AT90S8535 data memory has $25F loca-
tions, 10 bits are used.
The Stack Pointer points to the data SRAM stack area where the Subroutine and Inter-
rupt stacks are located. This stack space in the data SRAM must be defined by the
program before any subroutine calls are executed or interrupts are enabled. The Stack
Pointer must be set to point above $60. The Stack Pointer is decremented by 1 when
data is pushed onto the stack with the PUSH instruction and it is decremented by 2
when an address is pushed onto the stack with subroutine calls and interrupts. The
Stack Pointer is incremented by 1 when data is popped from the stack with the POP
instruction and it is incremented by 2 when an address is popped from the stack with
return from subroutine RET or return from interrupt RETI.
Reset and Interrupt
Handling
The AT90S8535 provides 16 different interrupt sources. These interrupts and the sepa-
rate reset vector each have a separate program vector in the program memory space.
All interrupts are assigned individual enable bits that must be set (one) together with the
I-bit in the Status Register in order to enable the interrupt.
The lowest addresses in the program memory space are automatically defined as the
Reset and Interrupt vectors. The complete list of vectors is shown in Table 2. The list
also determines the priority levels of the different interrupts. The lower the address, the
higher the priority level. RESET has the highest priority, and next is INT0 (the External
Interrupt Request 0), etc.
Bit
1514
1312
1110
9
8
$3E ($5E)
––
––––
SP9
SP8
SPH
$3D ($5D)
SP7
SP6
SP5
SP4
SP3
SP2
SP1
SP0
SPL
76
543210
Read/Write
R
RRRRR
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
000000
00
000000
Table 2. Reset and Interrupt Vectors
Vector No.
Program Address
Source
Interrupt Definition
1
$000
RESET
Hardware Pin, Power-on Reset and
Watchdog Reset
2
$001
INT0
External Interrupt Request 0
3
$002
INT1
External Interrupt Request 1
4
$003
TIMER2 COMP
Timer/Counter2 Compare Match
5
$004
TIMER2 OVF
Timer/Counter2 Overflow
6
$005
TIMER1 CAPT
Timer/Counter1 Capture Event
7
$006
TIMER1 COMPA
Timer/Counter1 Compare Match A
8
$007
TIMER1 COMPB
Timer/Counter1 Compare Match B
9
$008
TIMER1 OVF
Timer/Counter1 Overflow
10
$009
TIMER0 OVF
Timer/Counter0 Overflow
11
$00A
SPI, STC
SPI Serial Transfer Complete
12
$00B
UART, RX
UART, Rx Complete



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com