Electronic Components Datasheet Search
  English  ▼

X  

AT90LS8535 Datasheet(PDF) 71 Page - ATMEL Corporation

Part # AT90LS8535
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90LS8535 Datasheet(HTML) 71 Page - ATMEL Corporation

Back Button AT90LS8535 Datasheet HTML 67Page - ATMEL Corporation AT90LS8535 Datasheet HTML 68Page - ATMEL Corporation AT90LS8535 Datasheet HTML 69Page - ATMEL Corporation AT90LS8535 Datasheet HTML 70Page - ATMEL Corporation AT90LS8535 Datasheet HTML 71Page - ATMEL Corporation AT90LS8535 Datasheet HTML 72Page - ATMEL Corporation AT90LS8535 Datasheet HTML 73Page - ATMEL Corporation AT90LS8535 Datasheet HTML 74Page - ATMEL Corporation AT90LS8535 Datasheet HTML 75Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 127 page
background image
71
AT90S/LS8535
1041H–11/01
Figure 48. ADC Timing Diagram, Single Conversion
Figure 49. ADC Timing Diagram, Free Running Conversion
ADC Noise Canceler
Function
The ADC features a noise canceler that enables conversion during Idle Mode to reduce
noise induced from the CPU core. To make use of this feature, the following procedure
should be used:
1.
Make sure that the ADC is enabled and is not busy converting. Single Conver-
sion Mode must be selected and the ADC conversion complete interrupt must be
enabled.
ADEN = 1
ADSC = 0
ADFR = 0
ADIE = 1
Table 26. ADC Conversion Time
Condition
Sample and Hold (Cycles
from Start of Conversion)
Conversion
Time (Cycles)
Conversion
Time (µs)
Extended Conversion
14
25
125 - 500
Normal Conversion
14
26
130 - 520
1
2
3
4
5
6
7
8
9
10
11
12
13
Sign and MSB of result
LSB of result
ADC clock
ADSC
ADIF
ADCH
ADCL
Cycle number
12
One Conversion
Next Conversion
3
Sample & hold
MUX and REFS
update
Conversion
complete
MUX and REFS
update
11
12
13
Sign and MSB of result
LSB of result
ADC clock
ADSC
ADIF
ADCH
ADCL
Cycle number
12
One Conversion
Next Conversion
34
Conversion
complete
Sample & hold
MUX and REFS
update



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com