Electronic Components Datasheet Search
  English  ▼

X  

AT90LS8535 Datasheet(PDF) 94 Page - ATMEL Corporation

Part # AT90LS8535
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90LS8535 Datasheet(HTML) 94 Page - ATMEL Corporation

Back Button AT90LS8535 Datasheet HTML 90Page - ATMEL Corporation AT90LS8535 Datasheet HTML 91Page - ATMEL Corporation AT90LS8535 Datasheet HTML 92Page - ATMEL Corporation AT90LS8535 Datasheet HTML 93Page - ATMEL Corporation AT90LS8535 Datasheet HTML 94Page - ATMEL Corporation AT90LS8535 Datasheet HTML 95Page - ATMEL Corporation AT90LS8535 Datasheet HTML 96Page - ATMEL Corporation AT90LS8535 Datasheet HTML 97Page - ATMEL Corporation AT90LS8535 Datasheet HTML 98Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 127 page
background image
94
AT90S/LS8535
1041H–11/01
Enter Programming Mode
The following algorithm puts the device in Parallel Programming Mode:
1.
Apply supply voltage according to Table 36, between VCC and GND.
2.
Set the RESET and BS pin to “0” and wait at least 100 ns.
3.
Apply 11.5 - 12.5V to RESET. Any activity on BS within 100 ns after +12V has
been applied to RESET, will cause the device to fail entering programming mode.
Table 37. Pin Name Mapping
Signal Name in
Programming Mode
Pin Name
I/O
Function
RDY/BSY
PD1
O
0: Device is busy programming, 1: Device is ready
for new command
OE
PD2
I
Output Enable (Active low)
WR
PD3
I
Write Pulse (Active low)
BS
PD4
I
Byte Select (“0” selects low byte, “1” selects high
byte)
XA0
PD5
I
XTAL Action Bit 0
XA1
PD6
I
XTAL Action Bit 1
DATA
PB7 - 0
I/O
Bi-directional Data Bus (Output when OE is low)
Table 38. XA1 and XA0 Coding
XA1
XA0
Action when XTAL1 is Pulsed
0
0
Load Flash or EEPROM Address (high or low address byte determined by BS)
0
1
Load Data (High or low data byte for Flash determined by BS)
1
0
Load Command
1
1
No Action, Idle
Table 39. Command Byte Bit Coding
Command Byte
Command Executed
1000 0000
Chip Erase
0100 0000
Write Fuse Bits
0010 0000
Write Lock Bits
0001 0000
Write Flash
0001 0001
Write EEPROM
0000 1000
Read Signature Bytes
0000 0100
Read Lock and Fuse Bits
0000 0010
Read Flash
0000 0011
Read EEPROM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com