Electronic Components Datasheet Search
  English  ▼

X  

AT90LS8535 Datasheet(PDF) 95 Page - ATMEL Corporation

Part # AT90LS8535
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90LS8535 Datasheet(HTML) 95 Page - ATMEL Corporation

Back Button AT90LS8535 Datasheet HTML 91Page - ATMEL Corporation AT90LS8535 Datasheet HTML 92Page - ATMEL Corporation AT90LS8535 Datasheet HTML 93Page - ATMEL Corporation AT90LS8535 Datasheet HTML 94Page - ATMEL Corporation AT90LS8535 Datasheet HTML 95Page - ATMEL Corporation AT90LS8535 Datasheet HTML 96Page - ATMEL Corporation AT90LS8535 Datasheet HTML 97Page - ATMEL Corporation AT90LS8535 Datasheet HTML 98Page - ATMEL Corporation AT90LS8535 Datasheet HTML 99Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 127 page
background image
95
AT90S/LS8535
1041H–11/01
Chip Erase
The Chip Erase command will erase the Flash and EEPROM memories and the Lock
bits. The Lock bits are not reset until the Flash and EEPROM have been completely
erased. The Fuse bits are not changed. Chip Erase must be performed before the Flash
or EEPROM is reprogrammed.
Load Command “Chip Erase”:
1.
Set XA1, XA0 to “10”. This enables command loading.
2.
Set BS to “0”.
3.
Set DATA to “1000 0000”. This is the command for Chip Erase.
4.
Give XTAL1 a positive pulse. This loads the command.
5.
Give WR a t
WLWH_CE-wide negative pulse to execute Chip Erase. See Table 40
for t
WLWH_CE value. Chip Erase does not generate any activity on the RDY/BSY
pin.
Programming the Flash
A: Load Command “Write Flash”
1.
Set XA1, XA0 to “10”. This enables command loading.
2.
Set BS to “0”.
3.
Set DATA to “0001 0000”. This is the command for Write Flash.
4.
Give XTAL1 a positive pulse. This loads the command.
B: Load Address High Byte
1.
Set XA1, XA0 to “00”. This enables address loading.
2.
Set BS to “1”. This selects high byte.
3.
Set DATA = Address high byte ($00 - $0F).
4.
Give XTAL1 a positive pulse. This loads the address high byte.
C: Load Address Low Byte
1.
Set XA1, XA0 to “00”. This enables address loading.
2.
Set BS to “0”. This selects low byte.
3.
Set DATA = Address low byte ($00 - $FF).
4.
Give XTAL1 a positive pulse. This loads the address low byte.
D: Load Data Low Byte
1.
Set XA1, XA0 to “01”. This enables data loading.
2.
Set DATA = Data low byte ($00 - $FF).
3.
Give XTAL1 a positive pulse. This loads the data low byte.
E: Write Data Low Byte
1.
Set BS to “0”. This selects low data.
2.
Give WR a negative pulse. This starts programming of the data byte. RDY/BSY
goes low.
3.
Wait until RDY/BSY goes high to program the next byte.
(See Figure 68 for signal waveforms.)
F: Load Data High Byte
1.
Set XA1, XA0 to “01”. This enables data loading.
2.
Set DATA = Data high byte ($00 - $FF).
3.
Give XTAL1 a positive pulse. This loads the data high byte.
G: Write Data High Byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com