Electronic Components Datasheet Search
  English  ▼

X  

AT90LS8535 Datasheet(PDF) 12 Page - ATMEL Corporation

Part # AT90LS8535
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90LS8535 Datasheet(HTML) 12 Page - ATMEL Corporation

Back Button AT90LS8535 Datasheet HTML 8Page - ATMEL Corporation AT90LS8535 Datasheet HTML 9Page - ATMEL Corporation AT90LS8535 Datasheet HTML 10Page - ATMEL Corporation AT90LS8535 Datasheet HTML 11Page - ATMEL Corporation AT90LS8535 Datasheet HTML 12Page - ATMEL Corporation AT90LS8535 Datasheet HTML 13Page - ATMEL Corporation AT90LS8535 Datasheet HTML 14Page - ATMEL Corporation AT90LS8535 Datasheet HTML 15Page - ATMEL Corporation AT90LS8535 Datasheet HTML 16Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 127 page
background image
12
AT90S/LS8535
1041H–11/01
Program and Data
Addressing Modes
The AT90S8535 AVR RISC microcontroller supports powerful and efficient addressing
modes for access to the program memory (Flash) and data memory (SRAM, register file
and I/O memory). This section describes the different addressing modes supported by
the AVR architecture. In the figures, OP means the operation code part of the instruction
word. To simplify, not all figures show the exact location of the addressing bits.
Register Direct, Single
Register Rd
Figure 9. Direct Single Register Addressing
The operand is contained in register d (Rd).
Register Direct, Two Registers
Rd And Rr
Figure 10. Direct Register Addressing, Two Registers
Operands are contained in register r (Rr) and d (Rd). The result is stored in register d
(Rd).
I/O Direct
Figure 11. I/O Direct Addressing
Operand address is contained in six bits of the instruction word. n is the destination or
source register address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com