Electronic Components Datasheet Search
  English  ▼

X  

X96012 Datasheet(PDF) 6 Page - Intersil Corporation

Part # X96012
Description  Universal Sensor Conditioner with Dual Look Up Table Memory and DACs
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X96012 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button X96012 Datasheet HTML 2Page - Intersil Corporation X96012 Datasheet HTML 3Page - Intersil Corporation X96012 Datasheet HTML 4Page - Intersil Corporation X96012 Datasheet HTML 5Page - Intersil Corporation X96012 Datasheet HTML 6Page - Intersil Corporation X96012 Datasheet HTML 7Page - Intersil Corporation X96012 Datasheet HTML 8Page - Intersil Corporation X96012 Datasheet HTML 9Page - Intersil Corporation X96012 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
6
FN8216.0
March 10, 2005
D/A CONVERTER CHARACTERISTICS (See pg. 4 for Standard Conditions)
Notes: 1.
DAC input Byte = FFh, Source or sink mode.
2.
LSB is defined as
divided by the resistance between R1 or R2 to Vss.
3.
OffsetDAC: The Offset of a DAC is defined as the deviation between the measured and ideal output, when the DAC input is 01h. It is
expressed in LSB.
FSErrorDAC: The Full Scale Error of a DAC is defined as the deviation between the measured and ideal output, when the input is FFh. It
is expressed in LSB. The OffsetDAC is subtracted from the measured value before calculating FSErrorDAC.
DNLDAC: The Differential Non-Linearity of a DAC is defined as the deviation between the measured and ideal incremental change in
the output of the DAC, when the input changes by one code step. It is expressed in LSB. The measured values are adjusted for Offset
and Full Scale Error before calculating DNLDAC.
INLDAC: The Integral Non-Linearity of a DAC is defined as the deviation between the measured and ideal transfer curves, after adjust-
ing the measured transfer curve for Offset and Full Scale Error. It is expressed in LSB.
4.
These parameters are periodically sampled and not 100% tested.
5.
V(I1) and V(I2) are VCC - 1.2V in source mode and 1.2V in sink mode. In this range the current at I1 or I2 varies < 1%.
6.
The maximum current, sink or source, can be set with an external resistor to 3.2 mA with a minimum VCC = 4.5V. The compliance
voltage changes to 2.5V from the sourcing rail, and the current variation is < 1%.
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions / Notes
IFS00
I1 or I2 full scale current, with external
resistor setting
1.56
1.58
1.6
mA
See note 1, 5
3.2
mA
See note 1, 4, 6
IFS01
I1 or I2 full scale current, with internal
low current setting option
0.3
0.4
0.5
mA
DAC input Byte = FFh,
Source or sink mode, V(I1)
and V(I2) are Vcc - 1.2V in
source mode and 1.2V in sink
mode.
See notes 2 and 3.
IFS10
I1 or I2 full scale current, with internal
middle current setting option
0.64
0.85
1.06
mA
IFS11
I1 or I2 full scale current, with internal
high current setting option
11.3
1.6
mA
OffsetDAC
I1 or I2 D/A converter offset error
1
1
LSB
FSErrorDAC
I1 or I2 D/A converter full scale error
-2
2
LSB
DNLDAC
I1 or I2 D/A converter
Differential Nonlinearity
-0.5
0.5
LSB
INLDAC
I1 or I2 D/A converter Integral Nonlin-
earity with respect to a straight line
through 0 and the full scale value
-1
1
LSB
VISink
I1 or I2 Sink Voltage Compliance
1.2
Vcc
V
See note 5
2.5
Vcc
V
See note 4, 6
VISource
I1 or I2 Source Voltage Compliance
0
Vcc-1.2
V
See note 5
0
Vcc-2.5
V
See note 4, 6
IOVER
I1 or I2 overshoot on D/A Converter
data byte transition
0
µA
DAC input byte changing from
00h to FFh and vice
versa, V(I1) and V(I2) are
Vcc - 1.2V in source mode
and 1.2V in sink mode.
See note 4.
IUNDER
I1 or I2 undershoot on D/A Converter
data byte transition
0
µA
trDAC
I1 or I2 rise time on D/A Converter data
byte transition; 10% to 90%
530
µs
TCOI1I2
Temperataure coefficient of output
current I1 or I2 when using internal
resistor setting
±200
ppm/
°C
See Figure 8.
Bits I1FSO[1:0] ¦ 002 or
Bits I2FSO[1:0] ¦ 002,
VRMbit = “1”
2
3
V(VRef)
255
x
[]
X96012



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com