Electronic Components Datasheet Search
  English  ▼

X  

X96012 Datasheet(PDF) 10 Page - Intersil Corporation

Part # X96012
Description  Universal Sensor Conditioner with Dual Look Up Table Memory and DACs
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X96012 Datasheet(HTML) 10 Page - Intersil Corporation

Back Button X96012 Datasheet HTML 6Page - Intersil Corporation X96012 Datasheet HTML 7Page - Intersil Corporation X96012 Datasheet HTML 8Page - Intersil Corporation X96012 Datasheet HTML 9Page - Intersil Corporation X96012 Datasheet HTML 10Page - Intersil Corporation X96012 Datasheet HTML 11Page - Intersil Corporation X96012 Datasheet HTML 12Page - Intersil Corporation X96012 Datasheet HTML 13Page - Intersil Corporation X96012 Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
10
FN8216.0
March 10, 2005
INTERSIL SENSOR CONDITIONER PRODUCT FAMILY
FSO = Full Scale Output, Ext = External, Int = Internal
DEVICE DESCRIPTION
The X96012 combines two Programmable Current
Generators, and integrated EEPROM with Block
Lock™ protection, in one package. The combination of
the X96012 functionality and Intersil’s QFN package
lowers system cost, increases reliability, and reduces
board space requirements.
Two on-chip Programmable Current Generators may
be independently programmed to either sink or source
current. The maximum current generated is deter-
mined by using an externally connected programming
resistor, or by selecting one of three predefined val-
ues. Both current generators have a maximum output
of ±3.2 mA, and may be controlled to an absolute res-
olution of 0.39% (256 steps/8 bit).
Both current generators may be driven using an on-
board temperature sensor, an external sensor, or Con-
trol Registers. The internal temperature sensor oper-
ates over a very broad temperature range (-40
°C to
+100
°C). The sensor output (internal or external) drives
an 8-bit A/D converter. The six MSBs of the ADC output
select one of 64 bytes from each nonvolatile look-up
table (LUT).
The contents of the selected LUT row (8-bit wide)
drives the input of an 8-bit D/A converter, which gener-
ates the output current.
All control and setup parameters of the X96012,
including the look-up tables, are programmable via the
2-wire serial port.
The general purpose memory portion of the device is a
CMOS serial EEPROM array with Intersil’s Block
LockTM protection.
The EEPROM array is internally organized as 272 x 8
bits with 16-Byte pages, and utilizes Intersil’s propri-
etary Direct WriteTM cells, providing a minimum endur-
ance of 100,000 Page Write cycles and a minimum
data retention of 100 years.
Device
Title
Features/Functions
Internal
Temperature
Sensor
External
Sensor
Input
Internal
Voltage
Reference
VREF
Input /
Ouput
General
Purpose
EEPROM
Look Up
Table
Organi-
zation
# of
DACs
FSO
Current
DAC
Setting
Resistors
X96010
Sensor Conditioner with
Dual Look-Up Table
Memory and DACs
No
Yes
Yes
Yes
No
Dual Bank
Dual
Ext
X96011
Temperature Sensor with
Look-Up Table Memory
and DAC
Yes
No
Yes
No
No
Single
Bank
Single
Int
X96012
Universal Sensor
Conditioner with Dual
Look-Up Table Memory
and DACs
Yes
Yes
Yes
Yes
Yes
Dual Bank
Dual
Ext / Int
X96012



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com