Electronic Components Datasheet Search
  English  ▼

X  

X96012 Datasheet(PDF) 13 Page - Intersil Corporation

Part # X96012
Description  Universal Sensor Conditioner with Dual Look Up Table Memory and DACs
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X96012 Datasheet(HTML) 13 Page - Intersil Corporation

Back Button X96012 Datasheet HTML 9Page - Intersil Corporation X96012 Datasheet HTML 10Page - Intersil Corporation X96012 Datasheet HTML 11Page - Intersil Corporation X96012 Datasheet HTML 12Page - Intersil Corporation X96012 Datasheet HTML 13Page - Intersil Corporation X96012 Datasheet HTML 14Page - Intersil Corporation X96012 Datasheet HTML 15Page - Intersil Corporation X96012 Datasheet HTML 16Page - Intersil Corporation X96012 Datasheet HTML 17Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
13
FN8216.0
March 10, 2005
I2DS: CURRENT GENERATOR 2 DIRECTION SELECT BIT
(NON-VOLATILE)
The I2DS bit sets the polarity of Current Generator 2,
DAC2. When this bit is set to “0” (default), the Current
Generator 2 of the X96012 is configured as a Current
Source. Current Generator 2 is configured as a Cur-
rent Sink when the I2DS bit is set to “1”. See Figure 8.
Control Register 1
This register is accessed by performing a Read or Write
operation to address 81h of memory. This byte’s volatility
is determined by bit NV1234 in Control register 0.
L1DA5 - L1DA0: LUT1 DIRECT ACCESS BITS
When bit L1DAS (bit 4 in Control register 5) is set to
“1”, LUT1 is addressed by these six bits, and it is not
addressed by the output of the on-chip A/D converter.
When bit L1DAS is set to “0”, these six bits are ignored
by the X96012. See Figure 10.
A value between 00h (0010) and 3Fh (6310) may be writ-
ten to these register bits, to select the corresponding row
in LUT1. The written value is added to the base address
of LUT1 (90h).
Control Register 2
This register is accessed by performing a read or write
operation to address 82h of memory. This byte’s vola-
tility is determined by bit NV1234 in Control register 0.
L2DA5 - L2DA0: LUT2 DIRECT ACCESS BITS
When bit L2DAS (bit 6 in Control register 5) is set to
“1”, LUT2 is addressed by these six bits, and it is not
addressed by the output of the on-chip A/D converter.
When bit L2DAS is set to “0”, these six bits are ignored
by the X96012. See Figure 10.
A value between 00h (0010) and 3Fh (6310) may be writ-
ten to these register bits, to select the corresponding row
in LUT2. The written value is added to the base address
of LUT2 (D0h).
Control Register 3
This register is accessed by performing a Read or Write
operation to address 83h of memory. This byte’s volatility
is determined by bit NV1234 in Control register 0.
D1DA7 - D1DA0: D/A 1 DIRECT ACCESS BITS
When bit D1DAS (bit 5 in Control register 5) is set to
“1”, the input to the D/A converter 1 is the content of
bits D1DA7 - D1DA0, and it is not a row of LUT1.
When bit D1DAS is set to “0” (default) these eight bits
are ignored by the X96012. See Figure 9.
Control Register 4
This register is accessed by performing a Read or Write
operation to address 84h of memory. This byte’s volatil-
ity is determined by bit NV1234 in Control register 0.
D2DA7 - D2DA0: D/A 2 DIRECT ACCESS BITS
When bit D2DAS (bit 7 in Control register 5) is set to
“1”, the input to the D/A converter 1 is the content of
bits D2DA - D2DA0, and it is not a row of LUT2. When
bit D2DAS is set to “0” (default) these eight bits are
ignored by the X96012. (See Figure 9).
Control Register 5
This register is accessed by performing a Read or
Write operation to address 85h of memory.
I1FSO1 - I1FSO0: CURRENT GENERATOR 1 FULL SCALE
OUTPUT SET BITS (NON-VOLATILE)
These two bits are used to set the full scale output cur-
rent at the Current Generator 1 pin, I1. If both bits are
set to “0” (default), an external resistor connected
between pin R1 and Vss, determines the full scale out-
put current available at pin I1. The other three options
are indicated in the table below. The direction of this
current is set by bit I1DS in Control register 0. See
Figure 8.
*No external resistor should be connected in these cases between
R1 and VSS.
I1FSO1
I1FSO0
I1 Full Scale Output Current
0
0
Set externally via pin R1 (Default)
01
±0.4mA*
10
±0.85 mA*
11
±1.3 mA*
X96012



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com