Electronic Components Datasheet Search
  English  ▼

X  

X96012 Datasheet(PDF) 22 Page - Intersil Corporation

Part # X96012
Description  Universal Sensor Conditioner with Dual Look Up Table Memory and DACs
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X96012 Datasheet(HTML) 22 Page - Intersil Corporation

Back Button X96012 Datasheet HTML 18Page - Intersil Corporation X96012 Datasheet HTML 19Page - Intersil Corporation X96012 Datasheet HTML 20Page - Intersil Corporation X96012 Datasheet HTML 21Page - Intersil Corporation X96012 Datasheet HTML 22Page - Intersil Corporation X96012 Datasheet HTML 23Page - Intersil Corporation X96012 Datasheet HTML 24Page - Intersil Corporation X96012 Datasheet HTML 25Page - Intersil Corporation X96012 Datasheet HTML 26Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 27 page
background image
22
FN8216.0
March 10, 2005
X96012 Memory Map
The X96012 contains a 2176 bit array of mixed volatile
and nonvolatile memory. This array is split up into four
distinct parts, namely: (Refer to figure 15.)
– General Purpose Memory (GPM)
– Look-up Table 1 (LUT1)
– Look-up Table 2 (LUT2)
– Control and Status Registers
The GPM is all nonvolatile EEPROM, located at mem-
ory addresses 00h to 7Fh.
Figure 15. X96012 Memory Map
The Control and Status registers of the X96012 are
used in the test and setup of the device in a system.
These registers are realized as a combination of both
volatile and nonvolatile memory. These registers
reside in the memory locations 80h through 8Fh. The
reserved bits within registers 80h through 86h, must
be written as “0” if writing to them, and should be
ignored when reading. The reserved registers, from
88h through 8Fh, must not be written, and their con-
tent should be ignored.
Both look-up tables LUT1 and LUT2 are realized as
nonvolatile EEPROM, and extend from memory loca-
tions 90h - CFh and D0h - 10Fh respectively. These
look-up tables are dedicated to storing data solely for
the purpose of setting the outputs of Current Genera-
tors I1 and I2 respectively.
All bits in both look-up tables are preprogrammed to
“0” at the factory.
Addressing Protocol Overview
All Serial Interface operations must begin with a
START, followed by a Slave Address Byte. The Slave
address selects the X96012, and specifies if a Read or
Write operation is to be performed.
It should be noted that the Write Enable Latch (WEL)
bit must first be set in order to perform a Write opera-
tion to any other bit. (See “WEL: Write Enable Latch
(Volatile)” on page 14.) Also, all communication to the
X96012 over the 2-wire serial bus is conducted by
sending the MSB of each byte of data first.
Even though the 2176 bit memory consists of four dif-
fering functions, it is physically realized as one contig-
uous array, organized as 17 pages of 16 bytes each.
The X96012 2-wire protocol provides one address
byte, therefore, only 256 bytes can be addressed
directly. The next few sections explain how to access
the different areas for reading and writing.
Figure 16. Slave Address (SA) Format
0
7
Look-up Table 2
(LUT2)
Address
Size
64 Bytes
64 Bytes
16 Bytes
128 Bytes
10Fh
00h
7Fh
80h
8Fh
90h
CFh
D0h
FFh
Look-up Table 1
(LUT1)
Control & Status
Registers
General Purpose
Memory (GPM)
SA6
SA7
SA5
SA3
SA2
SA1
SA0
Device Type
Identifier
Read or
SA4
Slave Address
Bit(s)
Description
SA7 - SA4
Device Type Identifier
SA3 - SA1
Device Address
SA0
Read or Write Operation Select
R/W
10
1
0
Address
Device
AS0
AS1
AS2
Write
X96012



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com