Electronic Components Datasheet Search
  English  ▼

X  

X96012 Datasheet(PDF) 25 Page - Intersil Corporation

Part # X96012
Description  Universal Sensor Conditioner with Dual Look Up Table Memory and DACs
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X96012 Datasheet(HTML) 25 Page - Intersil Corporation

Back Button X96012 Datasheet HTML 19Page - Intersil Corporation X96012 Datasheet HTML 20Page - Intersil Corporation X96012 Datasheet HTML 21Page - Intersil Corporation X96012 Datasheet HTML 22Page - Intersil Corporation X96012 Datasheet HTML 23Page - Intersil Corporation X96012 Datasheet HTML 24Page - Intersil Corporation X96012 Datasheet HTML 25Page - Intersil Corporation X96012 Datasheet HTML 26Page - Intersil Corporation X96012 Datasheet HTML 27Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 25 / 27 page
background image
25
FN8216.0
March 10, 2005
The four registers Control 1 through 4, have a nonvol-
atile and a volatile cell for each bit. At power-up, the
content of the nonvolatile cells is automatically
recalled and written to the volatile cells. The content of
the volatile cells controls the X96012’s functionality. If
bit NV1234 in the Control 0 register is set to “1”, a
Write operation to these registers writes to both the
volatile and nonvolatile cells. If bit NV1234 in the Con-
trol 0 register is set to “0”, a Write operation to these
registers only writes to the volatile cells. In both cases
the newly written values effectively control the
X96012, but in the second case, those values are lost
when the part is powered down.
If bit NV1234 is set to “0”, a Byte Write operation to
Control registers 0 or 5 causes the value in the nonvol-
atile cells of Control registers 1 through 4 to be
recalled into their corresponding volatile cells, as dur-
ing power-up. This doesn’t happen when the WP pin is
LOW, because Write Protection is enabled. It is gener-
ally recommended to configure Control registers 0 and
5 before writing to Control registers 1 through 4.
When reading any of the control registers 1, 2, 3, or 4,
the Data Bytes are always the content of the corre-
sponding nonvolatile cells, even if bit NV1234 is "0"
(See “Control and Status Register Format”).
Read Operation
A Read operation consist of a three byte instruction
followed by one or more Data Bytes (See Figure 22).
The master initiates the operation issuing the following
sequence: a START, the Slave Address byte with the
R/W bit set to “0”, an Address Byte, a second START,
and a second Slave Address byte with the R/W bit set
to “1”. After each of the three bytes, the X96012
responds with an ACK. Then the X96012 transmits
Data Bytes as long as the master responds with an
ACK during the SCL cycle following the eigth bit of
each byte. The master terminates the read operation
(issuing a STOP condition) following the last bit of the
last Data Byte (See Figure 22).
5 bytes
7 bytes
Address=6
5 bytes
Address Pointer
Address=15
Address=11
Ends Up Here
Address=7
Address=0
Figure 20. Example: Writing 12 bytes to a 16-byte page starting at location 11.
Signals from
the Master
Signals from
the Slave
Signal at SDA
S
t
a
r
t
Slave
Address
Address
Byte = 81h
A
C
K
A
C
K
1
0
1
00
Data Byte for
Control 1
S
t
o
p
A
C
K
A
C
K
Data Byte for
Control 4
Write
1
1
0
00
0
0 0
Four Data Bytes
Figure 21. Writing to Control Registers 1, 2, 3, and 4
X96012



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com