Electronic Components Datasheet Search
  English  ▼

X  

ML9352 Datasheet(PDF) 21 Page - OKI electronic componets

Part # ML9352
Description  128-Channel Organic EL Driver with Built-in RAM
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML9352 Datasheet(HTML) 21 Page - OKI electronic componets

Back Button ML9352 Datasheet HTML 17Page - OKI electronic componets ML9352 Datasheet HTML 18Page - OKI electronic componets ML9352 Datasheet HTML 19Page - OKI electronic componets ML9352 Datasheet HTML 20Page - OKI electronic componets ML9352 Datasheet HTML 21Page - OKI electronic componets ML9352 Datasheet HTML 22Page - OKI electronic componets ML9352 Datasheet HTML 23Page - OKI electronic componets ML9352 Datasheet HTML 24Page - OKI electronic componets ML9352 Datasheet HTML 25Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 53 page
background image
PEDL9352-01
OKI Semiconductor
ML9352
21/53
Display timing generator circuit
This circuit generates the timing signals for the line address circuit and the display data latch circuit from the
display clock. The display data is latched in the display data latch circuit and is output to the anode driver output
pin in synchronization with the display clock. The read out of the display data to the organic EL drive circuits is
completely independent of the display data RAM access from the MPU. As a result, there is no bad influence such
as flickering on the display even when the display data RAM is accessed asynchronously during the organic EL
display. Also, the internal cathode timing is generated by this circuit from the display clock.
Common output state selection circuit (see Table 5)
Since the COM output scanning directions can be set using the common output scan direction select command in
the ML9352, it is possible to reduce the IC placement restrictions at the time of assembling organic EL modules.
Table 5
State
COM Scanning direction
Normal Display
COM0
→ COM31
Reverse Display
COM31
→ COM0
* When the number of display lines is 32.
Organic EL Drive circuits
The anode driver circuit employs the constant current system and the cathode driver circuit employs the push-pull
system. The anode output current is set by the voltage applied to VEL pin, or output voltage of the built-in voltage
regulator, and the external resistors connected to the REL1 and REL2 pins.
IELA = VEL/REL
(Here, IELA: Anode output current; VEL: Voltage applied to VEL pin or the output voltage of built-in voltage
regulator; and REL: External resistors connected to the REL1 and REL2 pins.)
Selection between the voltage applied to the VEL pin and the output voltage of built-in voltage regulator is by the
ELSEL pin. Similarly, selection of REL1 pin or REL2 pin is by the external resistor switching command for adjusting
anode output current.
When in the power save mode, all operations of the built-in voltage regulator and the organic EL drive circuits are
stopped. And the anode and cathode drivers’ outputs go to the VSS level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com