Electronic Components Datasheet Search
  English  ▼

X  

ML9352 Datasheet(PDF) 41 Page - OKI electronic componets

Part # ML9352
Description  128-Channel Organic EL Driver with Built-in RAM
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML9352 Datasheet(HTML) 41 Page - OKI electronic componets

Back Button ML9352 Datasheet HTML 37Page - OKI electronic componets ML9352 Datasheet HTML 38Page - OKI electronic componets ML9352 Datasheet HTML 39Page - OKI electronic componets ML9352 Datasheet HTML 40Page - OKI electronic componets ML9352 Datasheet HTML 41Page - OKI electronic componets ML9352 Datasheet HTML 42Page - OKI electronic componets ML9352 Datasheet HTML 43Page - OKI electronic componets ML9352 Datasheet HTML 44Page - OKI electronic componets ML9352 Datasheet HTML 45Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 53 page
background image
PEDL9352-01
OKI Semiconductor
ML9352
41/53
*1:
A0, D0 to D5, D6 (SCL), D7 (SI),
RD (E), WR (R/W), CS1, CS2, CLS, CL, C86, P/S, RES, EL
SEL
*2:
D0 to D7, CL
*3:
A0,
RD (E), WR (R/W), CS1, CS2, RES
*4:
Applicable to the pins D0 to D5, D6 (SCL), D7 (SI), and CL in the high impedance state.
*5:
CLS, C86,
P/S, EL
SEL
*6:
The average of output currents of SEG0 to SEG127
*7:
Each output current from SEG0 to SEG127 divided by the average of output currents of SEG0 to
SEG127
*8:
Each output current from SEG8n to SEG8n+7 divided by the average of output currents of SEG8n to
SEG8n+7: n = 0 to 15
*9:
{[I(VO = VDISPS – 8 V) – I(VO = VDISP – n V)]/[(VDISPS – 8 V) – (VDISP – n V)]}/I(VO = VDISPS – 8 V) × 100
*10:
{[I(VDISP = n V) – I(VDISPS = 18 V)]/(n V – 18 V)}/I(VDISPS = 18 V) × 100
*11:
See Table 24 for the relationship between the oscillator frequency and the frame frequency.
VDD: VDDA and VDDL
VDISP: VDISPS and VDISPC
VSS:
VSSA, VSSL, VSSS, and VSSC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com