Electronic Components Datasheet Search
  English  ▼

X  

ML9352 Datasheet(PDF) 6 Page - OKI electronic componets

Part # ML9352
Description  128-Channel Organic EL Driver with Built-in RAM
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML9352 Datasheet(HTML) 6 Page - OKI electronic componets

Back Button ML9352 Datasheet HTML 2Page - OKI electronic componets ML9352 Datasheet HTML 3Page - OKI electronic componets ML9352 Datasheet HTML 4Page - OKI electronic componets ML9352 Datasheet HTML 5Page - OKI electronic componets ML9352 Datasheet HTML 6Page - OKI electronic componets ML9352 Datasheet HTML 7Page - OKI electronic componets ML9352 Datasheet HTML 8Page - OKI electronic componets ML9352 Datasheet HTML 9Page - OKI electronic componets ML9352 Datasheet HTML 10Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 53 page
background image
PEDL9352-01
OKI Semiconductor
ML9352
6/53
FUNCTIONAL DESCRIPTION
MPU Interface
• Selection of interface type
The ML9352 carries out data transfer using either the 8-bit bi-directional data bus (D7 to D0) or the serial data
input line (SI). Either the 8-bit parallel data input or serial data input can be selected as shown in Table 1 by setting
the
P/S pin to the “H” or the “L” level.
Table 1
P/S
CS1
CS2
A0
RD
WR
C86
D7
D6
D5 to D0
L: Parallel input
CS1
CS2
A0
RD
WR
C86
D7
D6
D5 to D0
H: Serial input
CS1
CS2
A0
—
—
—
SI
SCL
(HZ)
A dash (—) indicates that the pin can be tied to the “H” or the “L” level.
• Parallel interface
When the parallel interface is selected, (
P/S = “L”), it is possible to connect this LSI directly to the MPU bus of
either an 80-series MPU or a 68-series MPU as shown in Table 2 depending on whether the pin C86 is set to “H” or
“L”.
Table 2
C86
Type
CS1
CS2
A0
RD
WR
D7 to D0
H
H: 68-Series MPU bus
CS1
CS2
A0
E
R/
W
D7 to D0
L
L: 80-Series MPU bus
CS1
CS2
A0
RD
WR
D7 to D0
The data bus signals are identified as shown in Table 3 below depending on the combination of the signals A0,
RD(E), and WR(R/W) of Table 2.
Table 3
Common
68-Series
80-Series
A0
R/
W
RD
WR
Display data read
1
1
0
1
Display data write
1
0
1
0
Status read
0
1
0
1
Control data write (command)
0
0
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com