Electronic Components Datasheet Search
  English  ▼

X  

ML9352 Datasheet(PDF) 45 Page - OKI electronic componets

Part # ML9352
Description  128-Channel Organic EL Driver with Built-in RAM
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML9352 Datasheet(HTML) 45 Page - OKI electronic componets

Back Button ML9352 Datasheet HTML 41Page - OKI electronic componets ML9352 Datasheet HTML 42Page - OKI electronic componets ML9352 Datasheet HTML 43Page - OKI electronic componets ML9352 Datasheet HTML 44Page - OKI electronic componets ML9352 Datasheet HTML 45Page - OKI electronic componets ML9352 Datasheet HTML 46Page - OKI electronic componets ML9352 Datasheet HTML 47Page - OKI electronic componets ML9352 Datasheet HTML 48Page - OKI electronic componets ML9352 Datasheet HTML 49Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 53 page
background image
PEDL9352-01
OKI Semiconductor
ML9352
45/53
(VDDA = VDDL = 2.7 to 4.5 V, VSSA = VSSL = 0 V, Tjop = –40 to +125°C)
Parameter
Symbol
Condition
Min.
Max.
Unit
Address hold time
Address setup time
tAH8
tAW8
0
0
—
—
System cycle time
tCYC8
400
—
Control “L” pulse width (
WR)
Control “L” pulse width (
RD)
Control “H” pulse width (
WR)
Control “H” pulse width (
RD)
tCCLW
tCCLR
tCCHW
tCCHR
60
120
60
60
—
—
—
—
Data setup time
Data hold time
tDS8
tDH8
40
15
—
—
RD access time
Output disable time
tACC8
tOH8
CL = 100 pF
—
10
140
100
ns
Note 1:
The input signal rise and fall times are specified as 15 ns or less.
When using the system cycle time for fast speed, the specified values are (tr + tf)
≤ (t
CYC8 –
tCCLW – tCCHW) or (tr + tf) ≤ (tCYC8 – tCCLR – tCCHR).
Note 2:
All timings are specified taking the levels of 20% and 80% of VDD as the reference.
Note 3:
The values of tCCLW and tCCLR are specified during the overlapping period of CS1 at “L” (CS2 =
“H”) and the “L” levels of
WR and RD, respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com