Electronic Components Datasheet Search
  English  ▼

X  

ML9352 Datasheet(PDF) 39 Page - OKI electronic componets

Part # ML9352
Description  128-Channel Organic EL Driver with Built-in RAM
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML9352 Datasheet(HTML) 39 Page - OKI electronic componets

Back Button ML9352 Datasheet HTML 35Page - OKI electronic componets ML9352 Datasheet HTML 36Page - OKI electronic componets ML9352 Datasheet HTML 37Page - OKI electronic componets ML9352 Datasheet HTML 38Page - OKI electronic componets ML9352 Datasheet HTML 39Page - OKI electronic componets ML9352 Datasheet HTML 40Page - OKI electronic componets ML9352 Datasheet HTML 41Page - OKI electronic componets ML9352 Datasheet HTML 42Page - OKI electronic componets ML9352 Datasheet HTML 43Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 53 page
background image
PEDL9352-01
OKI Semiconductor
ML9352
39/53
ELECTRICAL CHARACTERISTICS
DC Characteristics
(VDD = 2.7 to 5.5 V, VDISP = 18 to 30 V, VSS = 0 V, Tjop = –40 to +125°C)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Applicable
pins
“H” input voltage
“L” input voltage
VIH
VIL
—
0.8
× V
DD
VSS
—
VDD
0.2
× V
DD
V
*1
“H” output voltage
“L” output voltage
VOH
VOL
IOH = –0.5 mA
IOL = 0.5 mA
0.8
× V
DD
VSS
—
VDD
0.2
× V
DD
V
*2
“H” input current
“L” input current
IIH1
IIL
VI = VDD
VI = 0 V
–10
—
+10
µA
*3
*4
“H” input current
IIH2
VI = VDD
5
—
200
µA
*5
Anode driver average
output current 1
*6
–IELA1
ELSEL = “H”
VEL = 5 V
REL2 = 7.2 kΩ
VOH = VDISPS – 8 V
–724
–694
–664
µA
SEG0 to 127
Anode driver output
current dispersion within
the LSI chip 1
*7
∆I
ELA11
ELSEL= “H”
VEL = 5 V
REL2 = 7.2 kΩ
VOH = VDISPS – 8 V
–5
0
+5
%
SEG0 to 127
Anode driver output
current dispersion within
8 contiguous bits 1
*8
∆I
ELA21
ELSEL = “H”
VEL = 5 V
REL2 = 7.2 kΩ
VOH = VDISPS –8 V
–4
0
+4
%
SEG0 to 127
Anode driver average
output current 2
*6
–IELA2
ELSEL = “L”
REL2 = 7.2 kΩ
VOH = VDISPS – 8 V
–770
–694
–617
µA
SEG0 to 127
Anode driver output
current dispersion within
the LSI chip 2
*7
∆I
ELA12
ELSEL = “L”
REL2 = 7.2 kΩ
VOH = VDISPS – 8 V
–5
0
+5
%
SEG0 to 127
Anode driver output
current dispersion within
8 contiguous bits 2
*8
∆I
ELA22
ELSEL = “L”
REL2 = 7.2 kΩ
VOH = VDISPS – 8 V
–4
0
+4
%
SEG0 to 127
Anode driver average
output current 3
*6
–IELA3
ELSEL = “H”
VEL = 5 V
REL1 = 24.7 kΩ
VOH = VDISPS – 8 V
–212
–202
–192
µA
SEG0 to 127
Anode driver output
current dispersion within
the LSI chip 3
*7
∆I
ELA13
ELSEL = “H”
VEL = 5 V
REL1 = 24.7 kΩ
VOH = VDISPS – 8 V
–5
0
+5
%
SEG0 to 127
Anode driver output
current dispersion within
8 contiguous bits 3
*8
∆I
ELA23
ELSEL = “H”
VEL = 5 V
REL1 = 24.7 kΩ
VOH = VDISPS – 8 V
–4
0
+4
%
SEG0 to 127



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com