Electronic Components Datasheet Search
  English  ▼

X  

ML9352 Datasheet(PDF) 49 Page - OKI electronic componets

Part # ML9352
Description  128-Channel Organic EL Driver with Built-in RAM
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML9352 Datasheet(HTML) 49 Page - OKI electronic componets

Back Button ML9352 Datasheet HTML 45Page - OKI electronic componets ML9352 Datasheet HTML 46Page - OKI electronic componets ML9352 Datasheet HTML 47Page - OKI electronic componets ML9352 Datasheet HTML 48Page - OKI electronic componets ML9352 Datasheet HTML 49Page - OKI electronic componets ML9352 Datasheet HTML 50Page - OKI electronic componets ML9352 Datasheet HTML 51Page - OKI electronic componets ML9352 Datasheet HTML 52Page - OKI electronic componets ML9352 Datasheet HTML 53Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 49 / 53 page
background image
PEDL9352-01
OKI Semiconductor
ML9352
49/53
(VDDA = VDDL = 2.7 to 4.5 V, VSSA = VSSL = 0 V, Tjop = –40 to +125°C)
Parameter
Symbol
Condition
Min.
Max.
Unit
Serial clock period
SCL “H” pulse width
SCL “L” pulse width
tSCYC
tSHW
tSLW
250
100
100
—
—
—
Address setup time
Address hold time
tSAS
tSAH
150
150
—
—
Data setup time
Data hold time
tSDS
tSDH
100
100
—
—
CS–SCL Time
tCSS
tCSH
150
150
—
—
ns
Note 1:
The input signal rise and fall times are specified as 15 ns or less.
Note 2:
All timings are specified taking the levels of 20% and 80% of VDD as the reference.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com