Electronic Components Datasheet Search
  English  ▼

X  

ML9352 Datasheet(PDF) 7 Page - OKI electronic componets

Part # ML9352
Description  128-Channel Organic EL Driver with Built-in RAM
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML9352 Datasheet(HTML) 7 Page - OKI electronic componets

Back Button ML9352 Datasheet HTML 3Page - OKI electronic componets ML9352 Datasheet HTML 4Page - OKI electronic componets ML9352 Datasheet HTML 5Page - OKI electronic componets ML9352 Datasheet HTML 6Page - OKI electronic componets ML9352 Datasheet HTML 7Page - OKI electronic componets ML9352 Datasheet HTML 8Page - OKI electronic componets ML9352 Datasheet HTML 9Page - OKI electronic componets ML9352 Datasheet HTML 10Page - OKI electronic componets ML9352 Datasheet HTML 11Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 53 page
background image
PEDL9352-01
OKI Semiconductor
ML9352
7/53
Serial Interface
When the serial interface is selected (
P/S = “H”), the serial data input (SI) and the serial clock input (SCL) can be
accepted if the chip is in the active state (
CS1 = “ L” and CS2 = “H”). The serial interface consists of an 8-bit shift
register and a 3-bit counter. The serial data is read in from the serial data input pin in the sequence D7, D6, ... , D0
at the rising edge of the serial clock input, and is converted into the 8-bit paralled data at the rising edge of the 8th
serial clock pulse and processed further. The identification of whether the serial data is display data or command is
judged based on the A0 input, and the data is treated as display data when A0 is “H” and as command when A0 is
“L”. The A0 input is read in and identified at the rising edge of the (8
× n) th serial clock pulse after the chip has
become active. Figure 1 shows the signal chart of the serial interface. (When the chip is not active, the shift
register and the counter are reset to their initial states. No data read out is possible in the case of the serial interface.
It is necessary to take sufficient care about wiring termination reflection and external noise in the case of the SCL
signal. We recommend verification of operation in an actual unit.)
D7
SI
SCL
A0
CS2
CS1
1
D6
2
D5
3
D4
4
D3
5
D2
6
D1
7
D0
8
D7
9
D6
10
D5
11
D4
12
D3
13
D2
14
D1
D0
15
16
Figure 1
• Chip select
The ML9352 has the two chip select pins
CS1 and CS2, and the MPU interface or the serial interface is enabled
only when
CS1 = “L” and CS2 = “H”. When the chip select signals are in the inactive state, the D0 to D7 lines will
be in the high impedance state and the inputs A0,
RD, and WR will not be effective. When the serial interface has
been selected, the shift register and the counter are reset.
• Accessing the display data RAM and the internal registers
Accessing the ML9352 from the MPU side requires merely that the cycle time (tCYC) be satisfied, and high speed
data transfer without requiring any wait time is possible. Also, during the data transfer with the MPU, the ML9352
carries out a type of pipeline processing between LSIs via a bus holder associated with the internal data bus. For
example, when the MPU writes data in the display data RAM, the data is temporarily stored in the bus holder, and
is then written into the display data RAM before the next data read cycle. When the MPU reads out data in the
display data RAM, read data is held in the bus holder during the first data read cycle (dummy) and is read out on
the system bus from the bus holder during the next data read cycle. There is a restriction on the read sequence of
the display data RAM, which is that the read instruction immediately after setting the address does not read out the
data of that address, but that data is output as the data of the address specified during the second data read sequence,
and hence care should be taken about this during reading. Therefore, always one dummy read is necessary
immediately after setting the address or after a write cycle. This relationship is shown in Figures 2(a) and 2(b).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com