Electronic Components Datasheet Search
  English  ▼

X  

TLE8110ED Datasheet(PDF) 24 Page - Infineon Technologies AG

Part # TLE8110ED
Description  Smart Multichannel Low Side Switch with Parallel Control and SPI Interface
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8110ED Datasheet(HTML) 24 Page - Infineon Technologies AG

Back Button TLE8110ED Datasheet HTML 20Page - Infineon Technologies AG TLE8110ED Datasheet HTML 21Page - Infineon Technologies AG TLE8110ED Datasheet HTML 22Page - Infineon Technologies AG TLE8110ED Datasheet HTML 23Page - Infineon Technologies AG TLE8110ED Datasheet HTML 24Page - Infineon Technologies AG TLE8110ED Datasheet HTML 25Page - Infineon Technologies AG TLE8110ED Datasheet HTML 26Page - Infineon Technologies AG TLE8110ED Datasheet HTML 27Page - Infineon Technologies AG TLE8110ED Datasheet HTML 28Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 74 page
background image
Data Sheet
24
Rev. 1.0
2018-03-07
TLE8110ED
Smart Multichannel Low Side Switch with Parallel Control and SPI Interface
Power Outputs
Figure 13
CH7-10: typical behavior of RDS_ON versus the junction temperature Tj
Figure 14
All Channels: typical behavior of the clamping voltage versus the junction temperature
-40 -20
0
20
40
60
80 100 120 140
0.4
0.6
0.8
1.0
1.2
Tj/°C
RDS_ON /
Ohm
RON_vs_Tj_CH7-10.vsd
R
DS_ON vs. T j: CH 7-10 (V DD=5V)
-40 -20
0
20406080 100 120 140
53
54
55
56
57
Tj/°C
VCL / V
VCL_vs_Tj_all_CH.vsd
V
CLn vs. Tj: all Channels



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com