Electronic Components Datasheet Search
  English  ▼

X  

TLE8110ED Datasheet(PDF) 25 Page - Infineon Technologies AG

Part # TLE8110ED
Description  Smart Multichannel Low Side Switch with Parallel Control and SPI Interface
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8110ED Datasheet(HTML) 25 Page - Infineon Technologies AG

Back Button TLE8110ED Datasheet HTML 21Page - Infineon Technologies AG TLE8110ED Datasheet HTML 22Page - Infineon Technologies AG TLE8110ED Datasheet HTML 23Page - Infineon Technologies AG TLE8110ED Datasheet HTML 24Page - Infineon Technologies AG TLE8110ED Datasheet HTML 25Page - Infineon Technologies AG TLE8110ED Datasheet HTML 26Page - Infineon Technologies AG TLE8110ED Datasheet HTML 27Page - Infineon Technologies AG TLE8110ED Datasheet HTML 28Page - Infineon Technologies AG TLE8110ED Datasheet HTML 29Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 74 page
background image
Data Sheet
25
Rev. 1.0
2018-03-07
TLE8110ED
Smart Multichannel Low Side Switch with Parallel Control and SPI Interface
Power Outputs
Figure 15
Timing of Output Channel switching (resistive load)
7.4
Parallel Connection of the Power Stages
The TLE8110ED is equipped with a structure which improves the capability of parallel-connected channels.
The device can be “informed” via the PMx.PMx - bits (see chapter “Control of the device”) which of the
channels are connected in parallel. The input channels can be mapped to the parallel connected output
channels in order to apply the PWM signals. This feature allows a flexible adaptation to different load
situations within the same hardware setup.
In case of overload the ground current and the power dissipation is increasing. The application has to take into
account that all maximum ratings are observed (e.g. operating temperature TJ and total ground current IGND,
see Maximum Ratings). In case of parallel connection of channels with or w/o PM-bit set, the defined
maximum clamping energy must not be exceeded.
All stages are switched on and off simultaneously. The µC has to ensure that the stages which are connected
in parallel have always the same state (on or off). The PM-bit should be set according to the parallel connected
power stages in order to achieve the best possible performance.
The PM-bit is set to its default value in case of a Reset event (Reset pin Low or at Digital Supply undervoltage),
that means the improved Parallel Mode is no longer active. In the event of reset the channels will be switched
off causing the clamping energy to be dissipated with low performance of the current sharing as without PM-
bit set, for more details please refer to the Application Note Switching Inductive Loads - TLE8110 addendum.
The performance during parallel connection of channels is specified by design and not subject to the
production test. All channels at the same junction temperature level.
ON-Resistance
The typical ON-Resistance RDSsum(typ) of parallel connected channels is given by:
(7.2)
Timing_Power_Outx _res1.vsd
t
t
VINx
VOUTx
VINh
VINl
VBATT
t
dON
tdOFF
80%
20%
RDSsum typ
()
1
RDSon n typ
()
,
-----------------------------
1
RDSon n 1 typ
()
+
,
-------------------------------------
+
1
–
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com