| Electronic Components Datasheet Search |
|
TLE8110ED Datasheet(PDF) 47 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE8110ED Datasheet(HTML) 47 Page - Infineon Technologies AG |
|
47 / 74 page ![]() Data Sheet 47 Rev. 1.0 2018-03-07 TLE8110ED Smart Multichannel Low Side Switch with Parallel Control and SPI Interface Control of the device 12.2.3.4 Daisy-Chain and 2x8-bit protocol when using the TLE8110ED in a daisy-chain connection with other devices (TLE8110ED and non) special care has to be taken to avoid interference of 2x8-bit protocol with normal communication. Few simplifed rules must be followed for a safe SPI communication in daisy-chain environment: 1. All TLE8110ED devices have to be routed at the beginning of the chain, other devices than TLE8110ED afterward. 2. compactCONTROL commands (2x8-bit protocol) must not be addressed to TLE8110ED. 3. The SPI frame of the daisy-chain must be extended of additional 8-bit (all zeros 00H) at befinning of the frame. 4. When a Read/Clear Diagnosis Register A command(DRA, DRACL) is addressed to TLE8110ED, a NOP command must be sent to the next TLE8110ED on the chain. 5. When a Read/Clear Diagonosis Register A command (DRA, DRACL) is addressed to TLE8110ED, response of the next device on the chain must be ignored in the next SPI cycle. Details in Figure 30 and Figure 31. Figure 30 Daisy-Chain and 2x8-bit protocol Daisy-Chain and 2x8-bit protocol from dev.n from dev.1 to dev.n to dev.1 S_CS S_SI S_SO SPI daisy-chain word first 8-bit that could interfere with compacCONTROL of device 1 lower-byte from dev.n affected by the reaction of dev.1 to compactCONTROL t from dev.n from dev.1 to dev.n to dev.1 S_CS S_SI S_SO SPI daisy-chain word t 00H all zeros 8-bit extension last 8-bit to be ignored Safe Communication with first all zeros 8-bit extension Critical Communication with first 8-bit interpreted as compactCONTROL (2x8-bit protocol ) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |