Electronic Components Datasheet Search
  English  ▼

X  

TLE8110ED Datasheet(PDF) 68 Page - Infineon Technologies AG

Part # TLE8110ED
Description  Smart Multichannel Low Side Switch with Parallel Control and SPI Interface
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8110ED Datasheet(HTML) 68 Page - Infineon Technologies AG

Back Button TLE8110ED Datasheet HTML 64Page - Infineon Technologies AG TLE8110ED Datasheet HTML 65Page - Infineon Technologies AG TLE8110ED Datasheet HTML 66Page - Infineon Technologies AG TLE8110ED Datasheet HTML 67Page - Infineon Technologies AG TLE8110ED Datasheet HTML 68Page - Infineon Technologies AG TLE8110ED Datasheet HTML 69Page - Infineon Technologies AG TLE8110ED Datasheet HTML 70Page - Infineon Technologies AG TLE8110ED Datasheet HTML 71Page - Infineon Technologies AG TLE8110ED Datasheet HTML 72Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 74 page
background image
Data Sheet
68
Rev. 1.0
2018-03-07
TLE8110ED
Smart Multichannel Low Side Switch with Parallel Control and SPI Interface
Control of the device
12.3.3
OUTx - Output Control Register CHx
The Output Control Register OUTx consists of 10 Bits to control the Output Channel. Each Bit switches ON/OFF
the related Channel.
OUTx becomes only active when ISx[1:0] = 0x. For details refer to Chapter 12.3.4.
OUTx DATA
Output Control Register CHx
Reset value 1100 0000 0000B = C00H
11
10
98
76543210
1
1
OUT10
OUT9
OUT8
OUT7
OUT6
OUT5
OUT4
OUT3
OUT2
OUT1
Field
Bits
Type
Description
OUTx[9:0]
[9:0]
R/W
Data - OUTx[9:0]
OUTx = 0 According Channel is switched OFF,
OUTx = 1 According Channel is switched ON.
Default (all channels OFF) OUT[9:0] = 00 0000 0000B = 000H.
OUTx[11:10] [11:10]
R/W
Data - OUTx[11:10]
Bits are set to OUT[11:10] = 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com