Electronic Components Datasheet Search
  English  ▼

X  

TLE8110ED Datasheet(PDF) 66 Page - Infineon Technologies AG

Part # TLE8110ED
Description  Smart Multichannel Low Side Switch with Parallel Control and SPI Interface
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8110ED Datasheet(HTML) 66 Page - Infineon Technologies AG

Back Button TLE8110ED Datasheet HTML 62Page - Infineon Technologies AG TLE8110ED Datasheet HTML 63Page - Infineon Technologies AG TLE8110ED Datasheet HTML 64Page - Infineon Technologies AG TLE8110ED Datasheet HTML 65Page - Infineon Technologies AG TLE8110ED Datasheet HTML 66Page - Infineon Technologies AG TLE8110ED Datasheet HTML 67Page - Infineon Technologies AG TLE8110ED Datasheet HTML 68Page - Infineon Technologies AG TLE8110ED Datasheet HTML 69Page - Infineon Technologies AG TLE8110ED Datasheet HTML 70Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 74 page
background image
Data Sheet
66
Rev. 1.0
2018-03-07
TLE8110ED
Smart Multichannel Low Side Switch with Parallel Control and SPI Interface
Control of the device
S_SO Serial Output
15
14
13
12
11
10
987
6543
210
Output Pin Set Feedback OPF[7:0]
Diagnosis Output DO[7:0]
Diagnosis Output Registers
DO[7:0]
7
6543
210
Diag Register-1
DR4[1] DR4[0] DR3[1] DR3[0] DR2[1] DR2[0] DR1[1] DR1[0]
Diag Register-2
DR1NA DR3NA
1
1
DR6[1] DR6[0] DR5[1] DR5[0]
Diag Register-3
DR10
[1]
DR10
[0] DR9[1] DR9[0] DR8[1] DR8[0] DR7[1] DR7[0]
Field
Bits
Type
Description
DO[7:0]
[7:0]
R
DO[7:0] - Diagnosis Output
Contents according settings of DMS[4:0].
Returned within the same frame as the pointer is send. DRx[1:0]
definitions: see Chapter 12.3.2.1.
DO[7:6]Diag
Register-2
[7:6]
R
DO1NA: NAND-operated diagnosis of Diag Register-1
DO3NA: NAND-operated diagnosis of Diag Register-3
0
no diagnosis error is stored in the related Diag Register,
1
at least one diagnosis error is stored in the related Diag
Register.
Output Pin Feedback OPF[7:0]
15
14
13
12
11
10
9
8
OPF[7]
OPF[6]
OPF[5]
OPF[4]
OPF[3]
OPF[2]
OPF[1]
OPF[0]
DMSx/OPSx
Diagnosis Mode Set/ Output Pin Set Commands



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com