Electronic Components Datasheet Search
  English  ▼

X  

TLE8110ED Datasheet(PDF) 27 Page - Infineon Technologies AG

Part # TLE8110ED
Description  Smart Multichannel Low Side Switch with Parallel Control and SPI Interface
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8110ED Datasheet(HTML) 27 Page - Infineon Technologies AG

Back Button TLE8110ED Datasheet HTML 23Page - Infineon Technologies AG TLE8110ED Datasheet HTML 24Page - Infineon Technologies AG TLE8110ED Datasheet HTML 25Page - Infineon Technologies AG TLE8110ED Datasheet HTML 26Page - Infineon Technologies AG TLE8110ED Datasheet HTML 27Page - Infineon Technologies AG TLE8110ED Datasheet HTML 28Page - Infineon Technologies AG TLE8110ED Datasheet HTML 29Page - Infineon Technologies AG TLE8110ED Datasheet HTML 30Page - Infineon Technologies AG TLE8110ED Datasheet HTML 31Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 74 page
background image
Data Sheet
27
Rev. 1.0
2018-03-07
TLE8110ED
Smart Multichannel Low Side Switch with Parallel Control and SPI Interface
Power Outputs
Table 9
Performance 1) 2) 3) 4) in case of Parallel Connection of Channels: related PM-Bit NOT set
1) The performance during parallel connection of channels is specified by design and not subject to the production test.
2) Homogenous power distribution over all channels (all power stages equally heated), dependent on cooling set-up.
3) This lifetime statement is an anticipation based on an extrapolation of Infineon's qualification test results. The actual
lifetime of a component depends on its form of application and type of use etc. and may deviate from such statement.
The lifetime statement shall in no event extend the agreed warranty period.
4) Triangular Pulse Shape (inductance discharge): ID(t) = ID(0)·(1 - t / tpulse); 0 < t < tpulse.
Parameter
Symbol
Channels in Parallel
Unit Conditions
Number
2x
3x
4x
Channel Group 1-4
Maximum overall current before
reaching lower limit threshold
IDsum(low)
5.1
7.6
10.1
A
P_7.5.1
Maximum overall Repetitive
Clamping Energy
EARsum
18
––mJ
ID = 1.0A,
109 cycles
P_7.5.2
8
1319mJ
ID = 1.75A,
109 cycles
–8
11
mJ
ID = 2.5A,
109 cycles
––9
mJ
ID = 3.0A,
109 cycles
Channel Group 5-6
Maximum overall current before
reaching lower limit threshold
IDsum(low)
7.2
––A
–
P_7.5.3
Maximum overall Repetitive
Clamping Energy
EARsum
22
––mJ
ID = 1.3A,
109 cycles
P_7.5.4
11
––mJ
ID = 2.2A,
109 cycles
Channel Group 7-10
Maximum overall current before
reaching lower limit threshold
IDsum(low)
3.3
5.0
6.6
A
–
P_7.5.5
Maximum overall Repetitive
Clamping Energy
EARsum
7
––mJ
ID = 0.7A,
109 cycles
P_7.5.6
347mJ
ID = 1.2A,
109 cycles
–
34mJ
ID = 1.6A,
109 cycles
––3
mJ
ID = 2.1A,
109 cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com