Electronic Components Datasheet Search
  English  ▼

X  

IP178C Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers

Part # IP178C
Description  8 Port 10/100 Ethernet Integrated Switch
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

IP178C Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button IP178C Datasheet HTML 14Page - List of Unclassifed Manufacturers IP178C Datasheet HTML 15Page - List of Unclassifed Manufacturers IP178C Datasheet HTML 16Page - List of Unclassifed Manufacturers IP178C Datasheet HTML 17Page - List of Unclassifed Manufacturers IP178C Datasheet HTML 18Page - List of Unclassifed Manufacturers IP178C Datasheet HTML 19Page - List of Unclassifed Manufacturers IP178C Datasheet HTML 20Page - List of Unclassifed Manufacturers IP178C Datasheet HTML 21Page - List of Unclassifed Manufacturers IP178C Datasheet HTML 22Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 91 page
background image
IP178C
Preliminary Data Sheet
Pin description (continued)
Pin no.
Label
Type
Description
LED.
95
BI_COLOR
IPL2
Bi-color LED mode enable
1:
Bi-color
mode
LED
enabled.
LED_LINK
[7:0]
and
LED_SPEED [7:0] are used to drive dual color LED. The
functions are defined in the following table. The behavior of
FDX_LED [7:0] is the asme as that in mode3 on the previous
page.
0: Bi-color mode LED disabled. Please refer to pin description of
LED_SEL [1:0] for LED functins.
This pin takes precedence of LED_SEL [1:0].
Application circuit
LINK_LED
SPEED_LED
100M link/act
10M link/act
LED 1
LED 2
Bi-color LED definition
Status
LINK_LED [7:0]
SPEED_LED [7:0]
LED 1
LED 2
Link off
1
1
Off
Off
100 Mbps link ok
1
0
On
Off
100 Mbps link ok/ activity
Clock
0
Flash
Off
10 Mbps link ok
0
1
Off
On
10 Mbps link ok/ activity
0
Clock
Off
Flash
18/91
October 27, 2005
Copyright © 2004, IC Plus Corp.
IP178C-DS-R09



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com