Electronic Components Datasheet Search
  English  ▼

X  

IP178C Datasheet(PDF) 58 Page - List of Unclassifed Manufacturers

Part # IP178C
Description  8 Port 10/100 Ethernet Integrated Switch
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

IP178C Datasheet(HTML) 58 Page - List of Unclassifed Manufacturers

Back Button IP178C Datasheet HTML 54Page - List of Unclassifed Manufacturers IP178C Datasheet HTML 55Page - List of Unclassifed Manufacturers IP178C Datasheet HTML 56Page - List of Unclassifed Manufacturers IP178C Datasheet HTML 57Page - List of Unclassifed Manufacturers IP178C Datasheet HTML 58Page - List of Unclassifed Manufacturers IP178C Datasheet HTML 59Page - List of Unclassifed Manufacturers IP178C Datasheet HTML 60Page - List of Unclassifed Manufacturers IP178C Datasheet HTML 61Page - List of Unclassifed Manufacturers IP178C Datasheet HTML 62Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 91 page
background image
IP178C
Preliminary Data Sheet
58/91
October 27, 2005
Copyright © 2004, IC Plus Corp.
IP178C-DS-R09
PHY
MII
ROM
R/W
Description
Default
Switch control register 2
30
2[15:10]
5[7:2]
TMODE_SEL. Test mode selection
This function is for testing only. The default value must be
adopted for normal operation.
6’b0
30
2[9]
5[1]
MDI_MDIX_EN. Auto MDIMDIX enable
1: Auto MDIMDIX (default)
0: fixed MDI
Note: IP178C always uses a MDIX transformer.
P(1)
30
2[8]
5[0]
Reserved
P(0)
30
2[7]
4[7]
Reserved
1’b0
30
2[6]
4[6]
MAC_MODE_EN.
External MAC mode
1: MAC mode
0: PHY mode
P(0)
30
2[5]
4[5]
RMII_EN.
External MII mode
1: RMII
0: MII
P(0)
30
2[4:3]
4[4:3]
OP1
P(0,0)
30
2[2:1]
4[2:1]
OP0
P(0,0)
30
2[0]
4[0]
BI_COLOR
P(0)
OP1
OP0
FORCE_
MODE
Description
0
0
x
0
Port1, 3, 5, 7 nway with all capability
1
0
x
0
Port7 full duplex, port1, 3, 5 nway with all capability
1
1
x
0
Port7 half duplex, port1, 3, 5 nway with all capability
x
0
0
0
Port0, 2, 4, 6 nway with all capability
x
1
0
0
Port6 full duplex, port0, 2, 4 nway with all capability
x
1
1
0
Port6 half duplex, port0, 2, 4 nway with all capability



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com