Electronic Components Datasheet Search
  English  ▼

X  

IP178C Datasheet(PDF) 30 Page - List of Unclassifed Manufacturers

Part # IP178C
Description  8 Port 10/100 Ethernet Integrated Switch
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

IP178C Datasheet(HTML) 30 Page - List of Unclassifed Manufacturers

Back Button IP178C Datasheet HTML 26Page - List of Unclassifed Manufacturers IP178C Datasheet HTML 27Page - List of Unclassifed Manufacturers IP178C Datasheet HTML 28Page - List of Unclassifed Manufacturers IP178C Datasheet HTML 29Page - List of Unclassifed Manufacturers IP178C Datasheet HTML 30Page - List of Unclassifed Manufacturers IP178C Datasheet HTML 31Page - List of Unclassifed Manufacturers IP178C Datasheet HTML 32Page - List of Unclassifed Manufacturers IP178C Datasheet HTML 33Page - List of Unclassifed Manufacturers IP178C Datasheet HTML 34Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 91 page
background image
IP178C
Preliminary Data Sheet
30/91
October 27, 2005
Copyright © 2004, IC Plus Corp.
IP178C-DS-R09
2.1
Flow control
IP178C jams or pauses a port, which causes output queue over the threshold. Its link partner will defer
transmission after detecting the jam or pause frame. A port of IP178C defers transmission when it
receives a jam or a pause frame.
When CoS is enabled, IP178C may disable the flow control function for a short term to guarantee the
bandwidth of high priority packets. A port disables its flow control function for 2 ~ 3 seconds when it
receives a high priority packet. It doesn’t transmit pause frame or jam pattern during the period but it still
responses to pause frame or jam pattern.
The flow control function can be enabled by pulling up pin 75 X_EN or by programming MII register
30.1.10.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com