Electronic Components Datasheet Search
  English  ▼

X  

IP178C Datasheet(PDF) 59 Page - List of Unclassifed Manufacturers

Part # IP178C
Description  8 Port 10/100 Ethernet Integrated Switch
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

IP178C Datasheet(HTML) 59 Page - List of Unclassifed Manufacturers

Back Button IP178C Datasheet HTML 55Page - List of Unclassifed Manufacturers IP178C Datasheet HTML 56Page - List of Unclassifed Manufacturers IP178C Datasheet HTML 57Page - List of Unclassifed Manufacturers IP178C Datasheet HTML 58Page - List of Unclassifed Manufacturers IP178C Datasheet HTML 59Page - List of Unclassifed Manufacturers IP178C Datasheet HTML 60Page - List of Unclassifed Manufacturers IP178C Datasheet HTML 61Page - List of Unclassifed Manufacturers IP178C Datasheet HTML 62Page - List of Unclassifed Manufacturers IP178C Datasheet HTML 63Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 91 page
background image
IP178C
Preliminary Data Sheet
59/91
October 27, 2005
Copyright © 2004, IC Plus Corp.
IP178C-DS-R09
PHY
MII
ROM
R/W
Description
Default
Tag register 1~9
30
3
7,6
VLAN_TAG_0. Port0 default VLAN tag value
This register defines the VLAN tag of an un-tagged packet
from port 0.
16’h01
30
4
9,8
VLAN_TAG_1. Port1 default VLAN tag value
This register defines the VLAN tag of an un-tagged packet
from port 1.
16’h01
30
5
11,10
VLAN_TAG_2. Port2 default VLAN tag value
This register defines the VLAN tag of an un-tagged packet
from port 2.
16’h01
30
6
13, 12
VLAN_TAG_3. Port3 default VLAN tag value
This register defines the VLAN tag of an un-tagged packet
from port 3.
16’h01
30
7
15, 14
VLAN_TAG_4. Port4 default VALN tag value
This register defines the VLAN tag of an un-tagged packet
from port 4.
16’h01
30
8
17, 16
VLAN_TAG_5. Port5 default VLAN tag value
This register defines the VLAN tag of an un-tagged packet
from port 5.
16’h01
30
9
19, 18
VLAN_TAG_6. Port6 default VLAN tag value
This register defines the VLAN tag of an un-tagged packet
from port 6.
16’h01
30
10
21, 20
VLAN_TAG_7. Port7 default VLAN tag value
This register defines the VLAN tag of an un-tagged packet
from port 7.
16’h02
30
11
23, 22
VLAN_TAG_8. MII0 default VLAN tag value
This register defines the VLAN tag of an un-tagged packet
from MII port.
16’h02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com