Electronic Components Datasheet Search
  English  ▼

X  

IP178C Datasheet(PDF) 62 Page - List of Unclassifed Manufacturers

Part # IP178C
Description  8 Port 10/100 Ethernet Integrated Switch
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

IP178C Datasheet(HTML) 62 Page - List of Unclassifed Manufacturers

Back Button IP178C Datasheet HTML 58Page - List of Unclassifed Manufacturers IP178C Datasheet HTML 59Page - List of Unclassifed Manufacturers IP178C Datasheet HTML 60Page - List of Unclassifed Manufacturers IP178C Datasheet HTML 61Page - List of Unclassifed Manufacturers IP178C Datasheet HTML 62Page - List of Unclassifed Manufacturers IP178C Datasheet HTML 63Page - List of Unclassifed Manufacturers IP178C Datasheet HTML 64Page - List of Unclassifed Manufacturers IP178C Datasheet HTML 65Page - List of Unclassifed Manufacturers IP178C Datasheet HTML 66Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 91 page
background image
IP178C
Preliminary Data Sheet
62/91
October 27, 2005
Copyright © 2004, IC Plus Corp.
IP178C-DS-R09
PHY
MII
ROM
R/W
Description
Default
Tag VLAN register 1
30
13[3]
26[3]
TAG_VLAN_EN. Enable tag VLAN function
1: enable tag VLAN function
0: disable tag VLAN function
1’b0
VID_SEL. VID index selection
Select 4 bits out of 12 bits VID as index of tag VLAN groups.
The 12 bits of VID can’t be all zeros; otherwise, it will be
handled as an un-tagged frame.
000: VID[3:0], 001: VID[4:1], 010: VID[5:2], 011: VID[6:3],
100: VID[7:4], 101: VID[8:5], 110: VID[9:6], 111: VID[10:7]
An example of vid_sel = 3’b000,
VLAN_0
VID[3:0] = 4’b0000
VLAN_1
VID[3:0] = 4’b0001
VLAN_2
VID[3:0] = 4’b0010
VLAN_3
VID[3:0] = 4’b0011
….
….
VLAN_e
VID[3:0] = 4’b1110
30
13[2:0]
26[2:0]
VLAN_f
VID[3:0] = 4’b1111
3’b000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com