Electronic Components Datasheet Search
  English  ▼

X  

IP178C Datasheet(PDF) 55 Page - List of Unclassifed Manufacturers

Part # IP178C
Description  8 Port 10/100 Ethernet Integrated Switch
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

IP178C Datasheet(HTML) 55 Page - List of Unclassifed Manufacturers

Back Button IP178C Datasheet HTML 51Page - List of Unclassifed Manufacturers IP178C Datasheet HTML 52Page - List of Unclassifed Manufacturers IP178C Datasheet HTML 53Page - List of Unclassifed Manufacturers IP178C Datasheet HTML 54Page - List of Unclassifed Manufacturers IP178C Datasheet HTML 55Page - List of Unclassifed Manufacturers IP178C Datasheet HTML 56Page - List of Unclassifed Manufacturers IP178C Datasheet HTML 57Page - List of Unclassifed Manufacturers IP178C Datasheet HTML 58Page - List of Unclassifed Manufacturers IP178C Datasheet HTML 59Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 91 page
background image
IP178C
Preliminary Data Sheet
55/91
October 27, 2005
Copyright © 2004, IC Plus Corp.
IP178C-DS-R09
PHY
MII
ROM
R/W
Description
Default
EEPROM enable register / Software reset register
30
--
1, 0
EEPROM enable register
This register should be filled with 55AA in EERPOM register 0
and 1. IP178C will examine the specified pattern to confirm if
there is a valid EEPROM. The initial setting is updated with
the content of EEPROM only if the specified pattern 55AA is
found.
30
0
--
W
Software reset register
MII register 0 is software reset register. User can reset
IP178C by writing 55AA to this register.
30
0.15
--
R
bfll_full, free buffer is full
1: full,
0: not full
This bit is for debug only.
30
0.14
--
R
extmii_en_in
1: pin EXTMII_EN is latched high,
0: pin EXTMII_EN is latched low
This bit is for debug only.
30
0.13
--
R
Empty, all output queue is empty
1: empty
0: not empty
This bit is for debug only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com