Electronic Components Datasheet Search
  English  ▼

X  

IP178C Datasheet(PDF) 25 Page - List of Unclassifed Manufacturers

Part # IP178C
Description  8 Port 10/100 Ethernet Integrated Switch
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

IP178C Datasheet(HTML) 25 Page - List of Unclassifed Manufacturers

Back Button IP178C Datasheet HTML 21Page - List of Unclassifed Manufacturers IP178C Datasheet HTML 22Page - List of Unclassifed Manufacturers IP178C Datasheet HTML 23Page - List of Unclassifed Manufacturers IP178C Datasheet HTML 24Page - List of Unclassifed Manufacturers IP178C Datasheet HTML 25Page - List of Unclassifed Manufacturers IP178C Datasheet HTML 26Page - List of Unclassifed Manufacturers IP178C Datasheet HTML 27Page - List of Unclassifed Manufacturers IP178C Datasheet HTML 28Page - List of Unclassifed Manufacturers IP178C Datasheet HTML 29Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 91 page
background image
IP178C
Preliminary Data Sheet
25/91
October 27, 2005
Copyright © 2004, IC Plus Corp.
IP178C-DS-R09
Pin description (continued)
Pin no.
Label
Type
Description
RMII interface
(Pin 53 EXTMII_EN =1, pin104 MII_MAC=0 and Pin72 RMII_MII =1)
76
RMII_CLK_OUT
O
RMII reference clock source
56
RMII_CLK_IN
IPH2
RMII reference clock input
87,86
TXD0, TXD1
IPL1
RMII transmit data
It is sampled at the rising edge of RMII_CLK_IN.
80
TXEN
IPH2
RMII transmit enable
It is used to frame TXD [1:0]. It is sampled at the rising edge of
RMII_CLK_IN.
75
RXDV
IPH1/
O
RMII receive data valid
It is used to frame RXD [1:0]. It is sent out at the rising edge of
RMII_CLK_IN.
79, 78
RXD0, RXD1
IPL1/
O
RMII receive data
It is sent out at the rising edge of RMII_CLK_IN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com