Electronic Components Datasheet Search
  English  ▼

X  

IP178C Datasheet(PDF) 48 Page - List of Unclassifed Manufacturers

Part # IP178C
Description  8 Port 10/100 Ethernet Integrated Switch
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

IP178C Datasheet(HTML) 48 Page - List of Unclassifed Manufacturers

Back Button IP178C Datasheet HTML 44Page - List of Unclassifed Manufacturers IP178C Datasheet HTML 45Page - List of Unclassifed Manufacturers IP178C Datasheet HTML 46Page - List of Unclassifed Manufacturers IP178C Datasheet HTML 47Page - List of Unclassifed Manufacturers IP178C Datasheet HTML 48Page - List of Unclassifed Manufacturers IP178C Datasheet HTML 49Page - List of Unclassifed Manufacturers IP178C Datasheet HTML 50Page - List of Unclassifed Manufacturers IP178C Datasheet HTML 51Page - List of Unclassifed Manufacturers IP178C Datasheet HTML 52Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 91 page
background image
IP178C
Preliminary Data Sheet
48/91
October 27, 2005
Copyright © 2004, IC Plus Corp.
IP178C-DS-R09
PHY
MII
ROM
R/W
Description
Default
MII status register (address 01)
0
1.15
--
RO
100Base-T4 capable
1 = 100Base-T4 capable
0 = not 100Base-T4 capable
IP178C does not support 100Base-T4. This bit is fixed to be 0.
0
0
1.14
--
RO
100Base-X full duplex Capable
1 = 100Base-X full duplex capable
0 = not 100Base-X full duplex capable
The default of this bit will change depend on the external
setting of IP178C. If external pin setting without 100Base-X
full duplex support, then this bit will change default to logic 0.
1
0
1.13
--
RO
100Base-X half duplex Capable
1 = 100Base-X half duplex capable
0 = not 100Base-X half duplex capable
The default of this bit will change depend on the external
setting of IP178C. If external pin setting without 100Base-X
half duplex support, then this bit will change default to logic 0
1
0
1.12
--
RO
10Base-T full duplex Capable
1 = 10Base-T full duplex capable
0 = not 10Base-T full duplex capable
The default of this bit will change depend on the external
setting of IP178C. If external pin setting without 100Base-T
full duplex support, then this bit will change default to logic 0
1
0
1.11
--
RO
10Base-T half duplex Capable
1 = 10Base-T half duplex capable
0 = not 10Base-T half duplex capable
The default of this bit will change depend on the external
setting of IP178C. If external pin setting without 100Base-X
full duplex support, then this bit will change default to logic 0
1
0
1[10:7]
--
RO
Reserved
Ignore on read
-
0
1.6
--
RO
MF preamble Suppression
1 = preamble may be suppressed
0 = preamble always required
1
0
1.5
--
RO
Auto-Negotiation Complete
1 = Auto-Negotiation complete
0 = Auto-Negotiation in progress
When read as logic 1, indicates that the Auto-Negotiation
process has been completed, and the contents of register 4
and 5 are valid. When read as logic 0, indicates that the
Auto-Negotiation process has not been completed, and the
contents
of
register
4
and
5
are
meaningless.
If
Auto-Negotiation is disabled (bit 0.12 set to logic 0), then this
bit will always read as logic 0.
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com