Electronic Components Datasheet Search
  English  ▼

X  

H3BA Datasheet(PDF) 7 Page - Omron Electronics LLC

Part # H3BA
Description  Solid-state Timer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H3BA Datasheet(HTML) 7 Page - Omron Electronics LLC

Back Button H3BA Datasheet HTML 3Page - Omron Electronics LLC H3BA Datasheet HTML 4Page - Omron Electronics LLC H3BA Datasheet HTML 5Page - Omron Electronics LLC H3BA Datasheet HTML 6Page - Omron Electronics LLC H3BA Datasheet HTML 7Page - Omron Electronics LLC H3BA Datasheet HTML 8Page - Omron Electronics LLC H3BA Datasheet HTML 9Page - Omron Electronics LLC H3BA Datasheet HTML 10Page - Omron Electronics LLC H3BA Datasheet HTML 11Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
Solid-state Timer
H3BA-N
7
■ Basic Setting
Setting of Selector
The selectors can be turned clockwise and counterclockwise to
select the desired time unit, time range, output type (only for H3BA-
N8H) or operating mode.
Each selector has a snap mechanism that secures the selector at a
given position. Set the selector at a position at which it is secured. Do
not set it midway between two securing positions or a malfunction
could result from improper setting.
Selection of Operating Mode with H3BA-N
Turn the operating mode selector with a screwdriver until the desired
operating mode (A, B, B2, C, D, E, G, or J) appears in the display
window located above the selector.
Selection of Output Type with H3BA-N8H
Turn the output type selector with a screwdriver until the desired out-
put type (A or H) appears in the display window located above the
selector.
Selection of Time Unit and Time Range
The desired time unit (sec, 10 s, min, 10 m, hrs, or 10 h) is displayed
in the window below the time setting knob by turning the time unit
selector located at the lower right corner of the front panel. A time
range (1.2, 3, 12, or 30) is selected with the time range selector at
the lower left corner of the front panel, and the selected time range
appears (in the window at the lower right part) within the plastic
frame of the time setting knob.
Setting of Time
Use the time setting knob to set the desired time.
■ Using the Setting Ring
Setting a Specific Time
Mount the Panel Cover on the Timer, set the desired time with the
time setting knob, and place Time Setting Ring A onto the time
setting knob so that the time setting notch of Time Setting Ring A is
in the center of the reset lock position of the Panel Cover.
Limiting the Setting Range
Example: To set a range of 10 and 20 s.
Mount the Panel Cover on the Timer, set the time setting knob to 10 s
(the lower limit of the setting range), and place Time Setting Ring C
onto the time setting knob so that the stopper of Time Setting Ring C
is on the right edge of the reset lock position of the Panel cover. Next,
set the time setting knob to 20 s (the upper limit of the setting range),
place Time Setting Ring B onto the time setting knob so that the
stopper of Time Setting Ring B is on the left edge of the reset lock
position of the Panel Cover.
Groove for
screwdriver
Operating mode/
Output type
display window
Operating mode selector/
Output type selector
Operating mode
display window
Time unit selector
Time unit display window
Time range
selector
Time setting
notch
Reset lock position
Time setting ring A
Panel cover
Example: To set the time to 10 s.
Time setting notch
Setting position
Stopper
Reset lock position
Time setting
ring B
Time setting
ring C
Panel cover
Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com