Electronic Components Datasheet Search
  English  ▼

X  

H3BA Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # H3BA
Description  Solid-state Timer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H3BA Datasheet(HTML) 2 Page - Omron Electronics LLC

  H3BA Datasheet HTML 1Page - Omron Electronics LLC H3BA Datasheet HTML 2Page - Omron Electronics LLC H3BA Datasheet HTML 3Page - Omron Electronics LLC H3BA Datasheet HTML 4Page - Omron Electronics LLC H3BA Datasheet HTML 5Page - Omron Electronics LLC H3BA Datasheet HTML 6Page - Omron Electronics LLC H3BA Datasheet HTML 7Page - Omron Electronics LLC H3BA Datasheet HTML 8Page - Omron Electronics LLC H3BA Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
2
Solid-state Timer
H3BA-N
Model Number Structure
■ Model Number Legend
1. Number of Pins/Output
None: 11-pin models/Time-limit DPDT
8H:
8-pin models/Time-limit SPDT and switchable SPDT (time-limit
↔ instantaneous)
Ordering Information
■ List of Models
■ Accessories (Order Separately)
Note: 1.
The Time Setting Ring and Panel Cover are sold together.
2.
Hold-down Clips are sold in sets of two.
1
H3BA-N
@
Control output
Supply voltage
11-pin models
8-pin models
Contact output: DPDT (time-limit output)
110 VAC (50/60 Hz)
H3BA-N 110 VAC
---
220 VAC (50/60 Hz)
H3BA-N 220 VAC
24 VDC
H3BA-N 24 VDC
Contact output: Time-limit SPDT and
switchable SPDT
(time-limit
↔ instantaneous)
110 VAC (50/60 Hz)
---
H3BA-N8H 110 VAC
220 VAC (50/60 Hz)
H3BA-N8H 220 VAC
24 VDC
H3BA-N8H 24 VDC
Name/specifications
Models
Flush Mounting Adapters
Y92F-30
Y92F-70
Y92F-71
Mounting Tracks
50 cm (l)
× 7.3 mm (t)
PFP-50N
1 m (l)
× 7.3 mm (t)
PFP-100N
1 m (l)
× 16 mm (t)
PFP-100N2
End Plate
PFP-M
Spacer
PFP-S
Protective Cover
Y92A-48B
Track Mounting/
Front Connecting Sockets
8-pin
P2CF-08
11-pin
P2CF-11
Back Connecting Sockets
8-pin
P3G-08
11-pin
P3GA-11
Time Setting Rings
Setting a specific time
Y92S-27
Limiting the setting range
Y92S-28
Panel Covers (See note 1.)
Light gray (5Y7/1)
Y92P-48GL
Black (N1.5)
Y92P-48GB
Hold-down Clips (See note 2.)
For PL08 Socket
Y92H-1
For PF085A Socket
Y92H-2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com